Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G11DCKRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G11DCKRG4
Description  Single 3-Input Positive-AND Gate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G11DCKRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G11DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 14Page - Texas Instruments SN74LVC1G11DCKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Sup ply 1
0.1 F
Sup ply2
Sup ply 3
Vcc 3.3v
MCU
SN74LVC1G11
www.ti.com
SCES487G – SEPTEMBER 2003 – REVISED DECEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Validate and test
the design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC1G11 device offers logical AND configuration for many design applications. This example
describes basic power sequencing using the AND gate configuration. Power sequencing is often used in
applications that require a processor or other delicate device with specific voltage timing requirements in order to
protect the device from malfunctioning. In the application below, the power-good signals from the supplies tell the
MCU to continue an operation.
9.2 Typical Application
Figure 4. Typical Application Diagram
9.2.1 Design Requirements
Recommended input conditions:
For rise time and fall time specifications, see
Δt/Δv in the Recommended Operating Conditions table.
For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table.
Inputs and outputs are overvoltage tolerant and can therefore go as high as 5.5 V at any valid VCC.
Recommended output conditions:
Load currents must not exceed ±50 mA.
Frequency selection criterion:
Figure 5 illustrates the effects of frequency on output current.
Added trace resistance and capacitance can reduce maximum frequency capability. Follow the layout
practices listed in the Layout section.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC1G11


Similar Part No. - SN74LVC1G11DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11DCKRG4 TI-SN74LVC1G11DCKRG4 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11DCKRG4 TI-SN74LVC1G11DCKRG4 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74LVC1G11DCKRG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com