Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV244APWRE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV244APWRE4
Description  Octal Buffers and Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV244APWRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV244APWRE4 Datasheet HTML 1Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 2Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 3Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 4Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 5Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LV244APWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SN74LV244A
SCLS383N – SEPTEMBER 1997 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 10
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 10
2
Applications ........................................................... 1
8.3
Feature Description................................................. 10
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 10
4
Revision History..................................................... 2
9
Application and Implementation ........................ 11
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 11
6
Specifications......................................................... 4
9.2
Typical Application ................................................. 11
6.1
Absolute Maximum Ratings ..................................... 4
10
Power Supply Recommendations ..................... 13
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 13
6.3
Recommended Operating Conditions ....................... 5
11.1
Layout Guidelines ................................................. 13
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 13
6.5
Electrical Characteristics........................................... 6
12
Device and Documentation Support ................. 14
6.6
Noise Characteristics ................................................ 6
12.1
Documentation Support ........................................ 14
6.7
Operating Characteristics.......................................... 6
12.2
Community Resources.......................................... 14
6.8
Switching Characteristics: VCC = 2.5 V ± 0.2 V ........ 6
12.3
Trademarks ........................................................... 14
6.9
Switching Characteristics: VCC = 3.3 V ± 0.3 V ........ 7
12.4
Electrostatic Discharge Caution ............................ 14
6.10
Switching Characteristics: VCC = 5 V ± 0.5 V ......... 7
12.5
Glossary ................................................................ 14
6.11
Typical Characteristics ............................................ 8
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information .................. 9
Information ........................................................... 14
8
Detailed Description ............................................ 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (June 2013) to Revision N
Page
Added Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table, Detailed
Description section, Applications and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ...... 1
Deleted SN54LV244A part number from the data sheet........................................................................................................ 1
Removed the TA = –40°C to 85°C test conditions with the same values as the TA = –40°C to 125°C Recommended
test conditions in the Electrical Characteristics and Switching Characteristics tables .......................................................... 6
Removed the word 'Recommended' in the TA = –40°C to 125°C Recommended test conditions in the Electrical
Characteristics and Switching Characteristics tables ............................................................................................................ 6
Changes from Revision L (August 2010) to Revision M
Page
Changed document format from Quicksilver to DocZone ..................................................................................................... 1
Changed Extended operating temperature range to 125°C ................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV244A


Similar Part No. - SN74LV244APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244APWRE4 TI-SN74LV244APWRE4 Datasheet
436Kb / 16P
[Old version datasheet]   OCTAL BUFFERS /DRIVERS WITH 3 STATE OUTPUTS
SN74LV244APWRE4 TI-SN74LV244APWRE4 Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV244APWRE4 TI-SN74LV244APWRE4 Datasheet
710Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV244APWRE4 TI-SN74LV244APWRE4 Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244APWRE4 TI-SN74LV244APWRE4 Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
More results

Similar Description - SN74LV244APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com