Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G19DCKRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DCKRG4
Description  1-of-2 Decoder and Demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DCKRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G19DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC1G19DCKRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Y
0
Y
1
SN74LVC1G19
SCES464G – JUNE 2003 – REVISED AUGUST 2015
www.ti.com
8 Detailed Description
8.1 Overview
This decoder/demultiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G19 device is a 1-of-2 decoder/demultiplexer. This device decodes the 1-bit address on input A
and places a logic low on the matching address output, Y0 or Y1 , when the enable (E) input signal is low.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
NanoFree package technology is a major breakthrough in IC packaging concepts, using the die as the package.
8.2 Functional Block Diagram
8.3 Feature Description
SN74LVC1G19 is available in NanoFree package. NanoFree is a major breakthrough in IC packaging concepts,
it is a bare die package developed for applications that require the smallest possible package. The device
supports 5-V VCC Operation. All Inputs accept voltages up to 5.5 V. ±24-mA output drive at 3.3 V. The maximum
time propagation delay (tpd ) is 5.4 ns at 3.3 V. Low Power Consumption, 10-μA Max ICC. Typical output ground
bounce (VOLP ) and Output VOH Undershoot (VOHV). This device is fully specified for partial-power-down
applications using Ioff. The Ioff feature ensures that damaging current will not backflow through the device when it
is powered down. The SN74LVC1G19 device has isolation during power off. Ioff supports live insertion, partial-
power-down mode and back drive protection.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1G19.
Table 1. Function Table
INPUTS
OUTPUTS
E
A
Y0
Y1
L
L
L
H
L
H
H
L
H
X
H
H
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G19


Similar Part No. - SN74LVC1G19DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G19DCKRG4 TI-SN74LVC1G19DCKRG4 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results

Similar Description - SN74LVC1G19DCKRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
   1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com