Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G06YZVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06YZVR
Description  Single Inverter Buffer/Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06YZVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G06YZVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
A
GND
Y
V
CC
A1
A2
B1
B2
3
4
2
Y
1
GND
A
N.C.
5
V
CC
DNU – Do not use
A
GND
DNU
V
CC
Y
C2
C1
B1
B2
A1
A2
2
A
1
N.C.
3
4
GND
Y
5
V
CC
N.C.
GND
A
V
CC
Y
N.C.
6
5
4
2
3
1
2
5
3
4
Y
1
A
GND
N.C.
V
CC
A
N.C.
N.C.
6
5
4
2
3
GND
Y
V
CC
1
SN74LVC1G06
SCES295X – JUNE 2000 – REVISED AUGUST 2015
www.ti.com
6 Pin Configuration and Functions
DBV Package
DRY Package
5-Pin SOT-23
5-Pin USON
Top View
Top View
DSF Package
5-Pin X2SON
Top View
DRL Package
5-Pin SOT
Top View
YZP Package
6-Pin DSGBA
Top View
DCK Package
5-Pin SC70
Top View
YZV Package
4-Pin DSBGA
Top View
Pin Functions(1)(2)
PIN
DBV,
I/O
DESCRIPTION
DRY,
NAME
DCK,
YZP
YZV
DSF
DRL
NC
1
1, 5
A1, B2
Not connected
A
2
2
B1
A1
I
Input
GND
3
3
C1
B1
Ground
Y
4
4
C2
B2
O
Output
VCC
5
6
A2
A2
Power pin
(1)
N.C. – No internal connection
(2)
See mechanical drawings for dimensions
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G06


Similar Part No. - SN74LVC1G06YZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06YZVR TI-SN74LVC1G06YZVR Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06YZVR TI1-SN74LVC1G06YZVR Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G06YZVR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Renesas Technology Corp
HD74ALVC1G06 RENESAS-HD74ALVC1G06 Datasheet
76Kb / 7P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G06 RENESAS-HD74ALVC1G06_15 Datasheet
109Kb / 9P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
HD74ALVC1G04 RENESAS-HD74ALVC1G04 Datasheet
80Kb / 10P
   Single Inverter Buffer
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com