Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA159 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SA159
Description  Fast Recovery SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SA159 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SA159 Datasheet HTML 1Page - Diotec Semiconductor SA159 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SA154 ... SA160
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.3 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 100 µA
Typical junction capacitance
Typische Sperrschichtkapzität
VR = 4 V
Cj
10 pF
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
< 300 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 15 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
0.8
1.0
1.2
1.4 [V] 1.8
F
T = 25°C
j
T = 125°C
j
35a-(1a-1.3v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3


Similar Part No. - SA159

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SA159 DIOTEC-SA159 Datasheet
163Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA159 SEMIKRON-SA159 Datasheet
106Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA159 DIOTEC-SA159 Datasheet
73Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA159 SEMIKRON-SA159 Datasheet
110Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
More results

Similar Description - SA159

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FRL1A DIOTEC-FRL1A Datasheet
157Kb / 2P
   Fast Recovery SMD Rectifier Diodes
SA261 DIOTEC-SA261_15 Datasheet
155Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR2A DIOTEC-FR2A_15 Datasheet
139Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR3A DIOTEC-FR3A_15 Datasheet
139Kb / 2P
   Fast Recovery SMD Rectifier Diodes
logo
DIOTEC Electronics Corp...
FRL1A DEC-FRL1A_15 Datasheet
157Kb / 2P
   Fast Recovery SMD Rectifier Diodes
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A_15 Datasheet
141Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR1A DIOTEC-FR1A_15 Datasheet
138Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR1A DIOTEC-FR1A_18 Datasheet
144Kb / 2P
   Fast Recovery SMD Rectifier Diodes
RGL34A DIOTEC-RGL34A_15 Datasheet
142Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR2TSMA DIOTEC-FR2TSMA_15 Datasheet
147Kb / 2P
   Fast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com