Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF60B217 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IRF60B217
Description  Battery powered circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF60B217 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IRF60B217 Datasheet HTML 1Page - Infineon Technologies AG IRF60B217 Datasheet HTML 2Page - Infineon Technologies AG IRF60B217 Datasheet HTML 3Page - Infineon Technologies AG IRF60B217 Datasheet HTML 4Page - Infineon Technologies AG IRF60B217 Datasheet HTML 5Page - Infineon Technologies AG IRF60B217 Datasheet HTML 6Page - Infineon Technologies AG IRF60B217 Datasheet HTML 7Page - Infineon Technologies AG IRF60B217 Datasheet HTML 8Page - Infineon Technologies AG IRF60B217 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IR MOSFET
StrongIRFET™
IRF60B217
HEXFET
® Power MOSFET
D
S
G
Application
 Brushed Motor drive applications
 BLDC Motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC Inverters
Benefits
 Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dV/dt and dI/dt Capability
 Lead-Free*
 RoHS Compliant, Halogen-Free
VDSS
60V
RDS(on) typ.
7.3m

max
9.0m

ID
60A
 
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
TO-220AB
IRF60B217
S
D
G
G
D
S
Gate
Drain
Source
Base part number
Package Type
Standard Pack
Form
Quantity
IRF60B217
TO-220
Tube
50
IRF60B217
Orderable Part Number
25
50
75
100
125
150
175
TC , CaseTemperature (°C)
0
10
20
30
40
50
60
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 125°C
ID = 36A
1
2016– 01-05


Similar Part No. - IRF60B217

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF60B217 ISC-IRF60B217 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRF60B217

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
   Battery powered circuits
logo
Infineon Technologies A...
IRF60R217 INFINEON-IRF60R217 Datasheet
476Kb / 11P
   Battery powered circuits
2016-01-05
logo
Advanced Monolithic Sys...
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
   Battery powered equipment
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
logo
Shenzhen Huazhimei Semi...
HM6220 HMSEMI-HM6220 Datasheet
451Kb / 6P
   Battery-powered equipment
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
   Battery powered equipment
logo
Advanced Monolithic Sys...
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com