Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7016AJTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # VN7016AJTR
Description  High-side driver with MultiSense analog feedback
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7016AJTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VN7016AJTR Datasheet HTML 25Page - STMicroelectronics VN7016AJTR Datasheet HTML 26Page - STMicroelectronics VN7016AJTR Datasheet HTML 27Page - STMicroelectronics VN7016AJTR Datasheet HTML 28Page - STMicroelectronics VN7016AJTR Datasheet HTML 29Page - STMicroelectronics VN7016AJTR Datasheet HTML 30Page - STMicroelectronics VN7016AJTR Datasheet HTML 31Page - STMicroelectronics VN7016AJTR Datasheet HTML 32Page - STMicroelectronics VN7016AJTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
VN7016AJ
Application information
4.4.1
Principle of Multisense signal generation
Figure 38: MultiSense block diagram
Current monitor
When current mode is selected in the MultiSense, this output is capable to provide:
Current mirror proportional to the load current in normal operation, delivering current
proportional to the load according to known ratio named K
Diagnostics flag in fault conditions delivering fixed voltage VSENSEH
The current delivered by the current sense circuit, ISENSE, can be easily converted to a
voltage VSENSE by using an external sense resistor, RSENSE, allowing continuous load
monitoring and abnormal condition detection.
Normal operation (channel ON, no fault, SEn active)
While device is operating in normal conditions (no fault intervention), VSENSE calculation can
be done using simple equations
Current provided by MultiSense output: ISENSE = IOUT/K
Voltage on RSENSE: VSENSE = RSENSE · ISENSE = RSENSE · IOUT/K
Where:
VSENSE is voltage measurable on RSENSE resistor
ISENSE is current provided from MultiSense pin in current output mode
DocID027399 Rev 1
29/45


Similar Part No. - VN7016AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
VN7010AJTR STMICROELECTRONICS-VN7010AJTR Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results

Similar Description - VN7016AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VNQ7140AJ STMICROELECTRONICS-VNQ7140AJ Datasheet
1Mb / 46P
   Quad channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com