Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8SD Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MCR8SD
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR8SD Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MCR8SD Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR8SD Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR8SD Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR8SD Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR8SD Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCR8SD, MCR8SM, MCR8SN
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode –
Forward Blocking Region
IRRM at VRRM
(off state)
180
°
120
°
120
°
90
°
Figure 1. Typical RMS Current Derating
Figure 2. On–State Power Dissipation
Figure 3. Typical On–State Characteristics
Figure 4. Typical Gate Trigger Current versus
Junction Temperature
8
0
IT(RMS), RMS ON–STATE CURRENT (AMPS)
110
IT(AV), AVERAGE ON–STATE CURRENT (AMPS)
38
0
3
0
3.5
0.5
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
100
10
1
0.1
TJ, JUNCTION TEMPERATURE (°C)
–10
–40
100
10
0
2.5
105
95
12
3
1
2
6
15
1.0
2.0
20
50
80
110
dc
90
°
60
°
dc
30
°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 110°C
5
1.5
45
80
4
75
85
67
9
67
30
°
12
535
65
95
–25
20
30
40
50
60
70
80
90
180
°
60
°
3.0
MAXIMUM @ TJ = 25°C
90
100
www.kersemi.com


Similar Part No. - MCR8SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8SD ONSEMI-MCR8SD Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
logo
Digitron Semiconductors
MCR8SD DIGITRON-MCR8SD Datasheet
296Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR8SDG ONSEMI-MCR8SDG Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
logo
Inchange Semiconductor ...
MCR8SDG ISC-MCR8SDG Datasheet
156Kb / 1P
   isc Thyristors
More results

Similar Description - MCR8SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com