Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8SN Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MCR8SN
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR8SN Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MCR8SN Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR8SN Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR8SN Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR8SN Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR8SN Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
MCR8SD, MCR8SM,
MCR8SN
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half-wave ac control applications, such as
motor controls, heating controls, and power supplies; or wherever
half–wave, silicon gate–controlled devices are needed.
Sensitive Gate Allows Triggering by Microcontrollers and other
Logic Circuits
Blocking Voltage to 800 Volts
On–State Current Rating of 8 Amperes RMS at 80°C
High Surge Current Capability — 80 Amperes
Rugged, Economical TO220AB Package
Glass Passivated Junctions for Reliability and Uniformity
Minimum and Maximum Values of IGT, VGT and IH Specified for
Ease of Design
Immunity to dv/dt — 5 V/µsec Minimum at 110°C
Device Marking: Logo, Device Type, e.g., MCRSD, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage(1)
(TJ = –40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
MCR8SD
MCR8SM
MCR8SN
VDRM,
VRRM
400
600
800
Volts
On-State RMS Current
(180
° Conduction Angles; TC = 80°C)
IT(RMS)
8.0
Amps
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave, 60 Hz,
TJ = 110°C)
ITSM
80
Amps
Circuit Fusing Consideration
(t = 8.33 ms)
I2t
26.5
A2sec
Forward Peak Gate Power
(Pulse Width
≤ 1.0 µs, TC = 80°C)
PGM
5.0
Watts
Forward Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.5
Watt
Forward Peak Gate Current
(Pulse Width
≤ 1.0 µs, TC = 80°C)
IGM
2.0
Amps
Operating Junction Temperature Range
TJ
– 40 to 110
°C
Storage Temperature Range
Tstg
– 40 to 150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; positive gate voltage shall not be
applied concurrent with negative potential on the anode. Blocking voltages
shall not be tested with a constant current source such that the voltage
ratings of the devices are exceeded.
SCRs
8 AMPERES RMS
400 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MCR8SD
TO220AB
50 Units/Rail
MCR8SM
TO220AB
MCR8SN
TO220AB
www.kersemi.com
50 Units/Rail
50 Units/Rail
K
G
A
TO–220AB
CASE 221A
STYLE 3
1
2
3
4
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode


Similar Part No. - MCR8SN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8SN ONSEMI-MCR8SN Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
logo
Digitron Semiconductors
MCR8SN DIGITRON-MCR8SN Datasheet
296Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR8SNG ONSEMI-MCR8SNG Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
More results

Similar Description - MCR8SN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com