Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCR169D Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # NCR169D
Description  Silicon Controlled Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

NCR169D Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  NCR169D Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. NCR169D Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. NCR169D Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. NCR169D Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. NCR169D Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. NCR169D Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. NCR169D Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NCR169D
6
ORDERING & SHIPPING INFORMATION: MCR100 Series packaging options, Device Suffix
Device
Shipping
Description of TO92 Tape Orientation
NCR169D
NCR169DRLRA
NCR169DRLRM
Bulk in Box (5K/Box)
Radial Tape and Reel (2K/Reel)
Radial Tape and Fan Fold Box (2K/Box)
N/A, Bulk
Round side of TO92 and adhesive tape visible
Flat side of TO92 and adhesive tape visible
www.kersemi.com


Similar Part No. - NCR169D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
NCR169D ONSEMI-NCR169D Datasheet
69Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
October, 2005 ??Rev. 1
NCR169DG ONSEMI-NCR169DG Datasheet
69Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
October, 2005 ??Rev. 1
NCR169DRLRA ONSEMI-NCR169DRLRA Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
NCR169DRLRA ONSEMI-NCR169DRLRA Datasheet
69Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
October, 2005 ??Rev. 1
More results

Similar Description - NCR169D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com