Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VND5004DSP30 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 2Page - STMicroelectronics VND5004DSP30 Datasheet HTML 3Page - STMicroelectronics VND5004DSP30 Datasheet HTML 4Page - STMicroelectronics VND5004DSP30 Datasheet HTML 5Page - STMicroelectronics VND5004DSP30 Datasheet HTML 6Page - STMicroelectronics VND5004DSP30 Datasheet HTML 7Page - STMicroelectronics VND5004DSP30 Datasheet HTML 8Page - STMicroelectronics VND5004DSP30 Datasheet HTML 9Page - STMicroelectronics VND5004DSP30 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Block diagram and pin configurations
VND5004DSP30
6/28
DocID027939 Rev 2
Figure 2. Configuration diagram (not in scale)
Table 2. Suggested connections for unused and not connected pins
Connection/pin CurrentSense
N.C.
Output
Input
CS_DIS
For test only
Floating
Not allowed
X
X
X
X
X
To ground
Through 1 k
resistor
X
Not
allowed
Through
10 k
Ω resistor
Through
10 k
Ω resistor
Not allowed


Similar Part No. - VND5004DSP30

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ASP30TR-E STMICROELECTRONICS-VND5004ASP30TR-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ATR-E STMICROELECTRONICS-VND5004ATR-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004B STMICROELECTRONICS-VND5004B Datasheet
303Kb / 2P
   M0-5 solution for power management
More results

Similar Description - VND5004DSP30

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
   Double 4m high-side driver with analog CurrentSense
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
   Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com