Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VND5004DSP30 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 6Page - STMicroelectronics VND5004DSP30 Datasheet HTML 7Page - STMicroelectronics VND5004DSP30 Datasheet HTML 8Page - STMicroelectronics VND5004DSP30 Datasheet HTML 9Page - STMicroelectronics VND5004DSP30 Datasheet HTML 10Page - STMicroelectronics VND5004DSP30 Datasheet HTML 11Page - STMicroelectronics VND5004DSP30 Datasheet HTML 12Page - STMicroelectronics VND5004DSP30 Datasheet HTML 13Page - STMicroelectronics VND5004DSP30 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical specifications
VND5004DSP30
10/28
DocID027939 Rev 2
Note:
To ensure long term reliability under heavy overload or short circuit conditions, protection
and related diagnostic signals must be used together with a proper software strategy. If the
device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT = 2 A; VIN = 0;
L = 6 mH
VCC-28 VCC-32 VCC-35
V
Table 8. Protections and diagnostics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 9. CurrentSense (8 V < VCC < 16 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K0
IOUT/ISENSE
IOUT = 10 A; VSENSE = 4 V; VCSD = 0 V;
Tj = -40 °C to 150 °C
Tj = 25 °C to 150 °C
7500
11000
16000
16000
23000
20900
K1
IOUT/ISENSE
IOUT = 15 A; VSENSE = 4 V; VCSD = 0 V;
Tj = -40 °C to 150 °C
Tj = 25 °C to 150 °C
10300
12500
16000
16000
19500
19500
K2
IOUT/ISENSE
IOUT = 30A; VSENSE = 4V; VCSD = 0V;
Tj = -40 °C to 150 °C
Tj = 25 °C to 150 °C
12400
14000
16500
16500
19000
19000
ISENSE0
Analog sense current
IOUT = 0 A; VSENSE = 0 V; VCSD = 5 V;
VIN = 0 V;
Tj = -40 °C to 150 °C
05
µA
VCS D = 0 V; VIN = 5 V;
Tj = -40 °C to 150°C
0
400
µA
VSENSE
Max analog sense output
voltage
IOUT = 45 A; VCSD = 0 V;
RSENSE = 3.9 kΩ
5V
VSENSEH
Analog sense output
voltage in over temperature
condition
VCC = 13 V; RSENSE = 3.9 kΩ
9V
ISENSEH
Analog sense output
current in over temperature
condition
VCC = 13 V; VSENSE = 5 V
8
mA
tDSENSE1H
Delay response time from
falling edge of CS_DIS pin
VSENSE < 4 V; 5 A < IOUT < 30 A;
ISENSE = 90% of ISENSE max
(see Figure 4)
50
100
µs
tDSENSE1L
Delay response time from
rising edge of CS_DIS pin
VSENSE < 4 V; 5 A < IOUT < 30 A;
ISENSE = 10% of ISENSE max
(see Figure 4)
520
µs


Similar Part No. - VND5004DSP30

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ASP30TR-E STMICROELECTRONICS-VND5004ASP30TR-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ATR-E STMICROELECTRONICS-VND5004ATR-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004B STMICROELECTRONICS-VND5004B Datasheet
303Kb / 2P
   M0-5 solution for power management
More results

Similar Description - VND5004DSP30

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
   Double 4m high-side driver with analog CurrentSense
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
   Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com