Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7040AJ Datasheet(PDF) 36 Page - STMicroelectronics

Part # VND7040AJ
Description  Double channel high-side driver with MultiSense analog feedback
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7040AJ Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VND7040AJ Datasheet HTML 32Page - STMicroelectronics VND7040AJ Datasheet HTML 33Page - STMicroelectronics VND7040AJ Datasheet HTML 34Page - STMicroelectronics VND7040AJ Datasheet HTML 35Page - STMicroelectronics VND7040AJ Datasheet HTML 36Page - STMicroelectronics VND7040AJ Datasheet HTML 37Page - STMicroelectronics VND7040AJ Datasheet HTML 38Page - STMicroelectronics VND7040AJ Datasheet HTML 39Page - STMicroelectronics VND7040AJ Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Package and PCB thermal data
VND7040AJ
6
Package and PCB thermal data
6.1
PowerSSO-16 thermal data
Figure 43: PowerSSO-16 on two-layers PCB (2s0p to JEDEC JESD 51-5)
Figure 44: PowerSSO-16 on four-layers PCB (2s2p to JEDEC JESD 51-7)
Table 14: PCB properties
Dimension
Value
Board finish thickness
1.6 mm +/- 10%
Board dimension
77 mm x 86 mm
Board Material
FR4
Copper thickness (top and bottom layers)
0.070 mm
Copper thickness (inner layers)
0.035 mm
Thermal vias separation
1.2 mm
Thermal via diameter
0.3 mm +/- 0.08 mm
Copper thickness on vias
0.025 mm
Footprint dimension (top layer)
2.2 mm x 3.9 mm
Heatsink copper area dimension (bottom layer)
Footprint, 2 cm2 or 8 cm2
36/46
DocID027395 Rev 1


Similar Part No. - VND7040AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
More results

Similar Description - VND7040AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback
VNQ7140AJ STMICROELECTRONICS-VNQ7140AJ Datasheet
1Mb / 46P
   Quad channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com