Electronic Components Datasheet Search |
|
VND7050AJ12 Datasheet(PDF) 7 Page - STMicroelectronics |
|
VND7050AJ12 Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 43 page VND7050AJ12 Electrical specification 2 Electrical specification Figure 3: Current and voltage conventions VFn = VOUTn - VCC during reverse battery condition. 2.1 Absolute maximum ratings Stressing the device above the rating listed in Table 3: "Absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to the conditions in table below for extended periods may affect device reliability. Table 3: Absolute maximum ratings Symbol Parameter Value Unit VCC DC supply voltage 38 V -VCC Reverse DC supply voltage 0.3 V VCCPK Maximum transient supply voltage (ISO 16750-2:2010 Test B clamped to 40 V; RL = 4 Ω) 40 V VCCJS Maximum jump start voltage for single pulse short circuit protection 28 V -IGND DC reverse ground pin current 200 mA IOUT OUTPUT0,1 DC output current Internally limited A -IOUT Reverse DC output current 11 IIN INPUT0,1 DC input current -1 to 10 mA ISEn SEn DC input current ISEL SEL DC input current ISENSE CurrentSense pin DC output current (VGND = VCC and VSENSE < 0 V) 10 mA CurrentSense pin DC output current in reverse (VCC < 0V) -20 DocID027585 Rev 3 7/43 |
Similar Part No. - VND7050AJ12 |
|
Similar Description - VND7050AJ12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |