Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7050AJTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # VND7050AJTR
Description  Double channel high-side driver with MultiSense analog feedback
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7050AJTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VND7050AJTR Datasheet HTML 25Page - STMicroelectronics VND7050AJTR Datasheet HTML 26Page - STMicroelectronics VND7050AJTR Datasheet HTML 27Page - STMicroelectronics VND7050AJTR Datasheet HTML 28Page - STMicroelectronics VND7050AJTR Datasheet HTML 29Page - STMicroelectronics VND7050AJTR Datasheet HTML 30Page - STMicroelectronics VND7050AJTR Datasheet HTML 31Page - STMicroelectronics VND7050AJTR Datasheet HTML 32Page - STMicroelectronics VND7050AJTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
VND7050AJ
Application information
The value of these resistors is a compromise between the leakage current of
microcontroller and the current required by the HSD I/Os (Input levels compatibility) with
the latch-up limit of microcontroller I/Os.
Equation
VCCpeak/Ilatchup
≤ Rprot ≤ (VOHµC - VIH - VGND) / IIHmax
Calculation example:
For VCCpeak = -150 V; Ilatchup
≥ 20 mA; VOHµC ≥ 4.5 V
7.5
kΩ ≤ Rprot ≤ 140 kΩ.
Recommended values: Rprot = 15
4.4
Multisense - analog current sense
Diagnostic information on device and load status are provided by an analog output pin
(MultiSense) delivering the following signals:
Current monitor: current mirror of channel output current
VCC monitor: voltage propotional to VCC
TCASE: voltage propotional to chip temperature
Those signals are routed through an analog multiplexer which is configured and controlled
by means of SELx and SEn pins, according to the address map in MultiSense multiplexer
addressing Table.
Figure 37: MultiSense and diagnostic – block diagram
DocID027396 Rev 1
29/46


Similar Part No. - VND7050AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7050AJ12TR STMICROELECTRONICS-VND7050AJ12TR Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
More results

Similar Description - VND7050AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback
VNQ7140AJ STMICROELECTRONICS-VNQ7140AJ Datasheet
1Mb / 46P
   Quad channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com