Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7050AJ12TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # VND7050AJ12TR
Description  Double channel high-side driver with CurrentSense analog feedback
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7050AJ12TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VND7050AJ12TR Datasheet HTML 12Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 13Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 14Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 15Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 16Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 17Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 18Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 19Page - STMicroelectronics VND7050AJ12TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Electrical specification
VND7050AJ12
Figure 7: CurrentSense timings
Figure 8: TDSTKON
GAPG0912131101CFT
TDSTKON
VINPUT
VOUT
CurrentSense
VOUT > VOL
16/43
DocID027585 Rev 3


Similar Part No. - VND7050AJ12TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7050AJTR STMICROELECTRONICS-VND7050AJTR Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
More results

Similar Description - VND7050AJ12TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
   Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
   Double channel high-side driver with CurrentSense analog feedback for automotive applications
Rev 2 - November 2018
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
VND5004DSP30 STMICROELECTRONICS-VND5004DSP30 Datasheet
579Kb / 28P
   Double 4m high-side driver with analog CurrentSense
November 2015 Rev 2
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
   Double 4m high-side driver with analog CurrentSense
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com