Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNQ7050AJ Datasheet HTML 5Page - STMicroelectronics VNQ7050AJ Datasheet HTML 6Page - STMicroelectronics VNQ7050AJ Datasheet HTML 7Page - STMicroelectronics VNQ7050AJ Datasheet HTML 8Page - STMicroelectronics VNQ7050AJ Datasheet HTML 9Page - STMicroelectronics VNQ7050AJ Datasheet HTML 10Page - STMicroelectronics VNQ7050AJ Datasheet HTML 11Page - STMicroelectronics VNQ7050AJ Datasheet HTML 12Page - STMicroelectronics VNQ7050AJ Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
VNQ7050AJ
Electrical specification
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Vclamp
Clamp voltage
IS = 20 mA; Tj = -40°C
38
V
IS = 20 mA; 25°C < Tj < 150°C
41
46
52
ISTBY
Supply current in Standby
at VCC = 13 V (2)
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 25°C
0.5
µA
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 85°C (3)
0.5
µA
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 125°C
3
µA
tD_STBY
Standby mode blanking
time
VCC = 13 V
VIN = VOUT = VFR = VSEL0,1 = 0 V;
VSEn = 5 V to 0 V
60
300
550
µs
IS(ON)
Supply current
VCC = 13 V; VSEn = VFR = VSEL0,1 = 0 V;
VIN0,1,2,3 = 5 V; IOUT0,1,2,3 = 0 A
10
16
mA
IGND(ON)
Control stage current
consumption in ON state.
All channels active.
VCC = 13 V; VSEn = 5 V;
VFR = VSEL0,1 = 0 V; VIN0,1,2,3 = 5 V;
IOUT0,1,2,3 = 1 A
20
mA
IL(off)
Off-state output current at
VCC = 13 V(1)
VIN = VOUT = 0 V; VCC = 13 V; Tj = 25°C
0
0.01
0.5
µA
VIN = VOUT = 0 V; VCC = 13 V; Tj = 125°C
0
3
VF
Output - VCC diode
voltage(1)
IOUT = -2 A; Tj = 150°C
0.7
V
Notes:
(1)For each channel.
(2)PowerMOS leakage included.
(3)Parameter specified by design; not subject to production test.
Table 6: Switching (VCC = 13 V; -40°C < Tj < 150°C, unless otherwise specified)
Symbol
Parameter
Test conditions Min. Typ.
Max.
Unit
td(on)(1)
Turn-on delay time at Tj = 25°C
RL =
6.5 Ω
10
35
120
µs
td(off)(1)
Turn-off delay time at Tj = 25°C
10
45
100
(dVOUT/dt)on(1) Turn-on voltage slope at Tj = 25°C
RL =
6.5 Ω
0.1
0.28
0.7
V/µs
(dVOUT/dt)off(1) Turn-off voltage slope at Tj = 25°C
0.1
0.31
0.7
WON
Switching energy losses at turn-on (twon)
RL =
6.5 Ω
0.26 0.35 (2)
mJ
WOFF
Switching energy losses at turn-off (twoff)
RL =
6.5 Ω
0.23 0.31(2)
mJ
tSKEW(1)
Differential Pulse skew
(tPHL - tPLH)
RL =
6.5 Ω
-40
10
60
µs
Notes:
(1)See Figure 4: "Switching times and Pulse skew".
(2)Parameter guaranteed by design and characterization, not subject to production test
DocID027405 Rev 1
9/42


Similar Part No. - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7003SY STMICROELECTRONICS-VNQ7003SY Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7003SYTR STMICROELECTRONICS-VNQ7003SYTR Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results

Similar Description - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
   High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com