Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNQ7050AJ Datasheet HTML 6Page - STMicroelectronics VNQ7050AJ Datasheet HTML 7Page - STMicroelectronics VNQ7050AJ Datasheet HTML 8Page - STMicroelectronics VNQ7050AJ Datasheet HTML 9Page - STMicroelectronics VNQ7050AJ Datasheet HTML 10Page - STMicroelectronics VNQ7050AJ Datasheet HTML 11Page - STMicroelectronics VNQ7050AJ Datasheet HTML 12Page - STMicroelectronics VNQ7050AJ Datasheet HTML 13Page - STMicroelectronics VNQ7050AJ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Electrical specification
VNQ7050AJ
Table 7: Logic Inputs (7 V < VCC < 28 V; -40°C < Tj < 150°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
INPUT0,1,2,3 characteristics
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
FaultRST
characteristics
VFRL
Input low level voltage
0.9
V
IFRL
Low level input current
VIN = 0.9 V
1
µA
VFRH
Input high level voltage
2.1
V
IFRH
High level input current
VIN = 2.1 V
10
µA
VFR(hyst)
Input hysteresis voltage
0.2
V
VFRCL
Input clamp voltage
IIN = 1 mA
5.3
7.5
V
IIN = -1 mA
-0.7
SEL0,1 characteristics (7 V < VCC < 18 V)
VSELL
Input low level voltage
0.9
V
ISELL
Low level input current
VIN = 0.9 V
1
µA
VSELH
Input high level voltage
2.1
V
ISELH
High level input current
VIN = 2.1 V
10
µA
VSEL(hyst)
Input hysteresis voltage
0.2
V
VSELCL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
SEn characteristics (7 V < VCC < 18 V)
VSEnL
Input low level voltage
0.9
V
ISEnL
Low level input current
VIN = 0.9 V
1
µA
VSEnH
Input high level voltage
2.1
V
ISEnH
High level input current
VIN = 2.1 V
10
µA
VSEn(hyst)
Input hysteresis voltage
0.2
V
VSEnCL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
Table 8: Protections (7 V < VCC < 18 V; -40°C < Tj < 150°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH
DC short circuit current
VCC = 13 V
21
27
38
A
4 V < VCC < 18 V (1)
38
ILIML
Short circuit current during
thermal cycling
VCC = 13 V;
TR < Tj < TTSD
9
10/42
DocID027405 Rev 1


Similar Part No. - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7003SY STMICROELECTRONICS-VNQ7003SY Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7003SYTR STMICROELECTRONICS-VNQ7003SYTR Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results

Similar Description - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
   High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com