Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 24 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VNQ7050AJ Datasheet HTML 20Page - STMicroelectronics VNQ7050AJ Datasheet HTML 21Page - STMicroelectronics VNQ7050AJ Datasheet HTML 22Page - STMicroelectronics VNQ7050AJ Datasheet HTML 23Page - STMicroelectronics VNQ7050AJ Datasheet HTML 24Page - STMicroelectronics VNQ7050AJ Datasheet HTML 25Page - STMicroelectronics VNQ7050AJ Datasheet HTML 26Page - STMicroelectronics VNQ7050AJ Datasheet HTML 27Page - STMicroelectronics VNQ7050AJ Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Application information
VNQ7050AJ
4
Application information
Figure 32: Application diagram
4.1
GND protection network against reverse battery
Figure 33: Simplified internal structure
VDD
OUT
OUT
OUT
OUT
ADC in
OUT
GND
GND
GND
GND
Logic
OUTPUT
GND
FaultRST
INPUT
SEn
SEL
VCC
CS
Current mirror
Rprot
Rprot
Rprot
Rprot
Rprot
+5V
R
GND
Rsense
D
GND
Cext
GND
GND
Dld
GAPGCFT00829
MCU
INPUT
SEn
CS
FaultRST
Vcc
OUTPUT
GND
Rprot
Rprot
Rprot
Rprot
Dld
Rsense
5V
RGND
DGND
GND
GAPGCFT00830
24/42
DocID027405 Rev 1


Similar Part No. - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7003SY STMICROELECTRONICS-VNQ7003SY Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7003SYTR STMICROELECTRONICS-VNQ7003SYTR Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results

Similar Description - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
   High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com