Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 31 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VNQ7050AJ Datasheet HTML 27Page - STMicroelectronics VNQ7050AJ Datasheet HTML 28Page - STMicroelectronics VNQ7050AJ Datasheet HTML 29Page - STMicroelectronics VNQ7050AJ Datasheet HTML 30Page - STMicroelectronics VNQ7050AJ Datasheet HTML 31Page - STMicroelectronics VNQ7050AJ Datasheet HTML 32Page - STMicroelectronics VNQ7050AJ Datasheet HTML 33Page - STMicroelectronics VNQ7050AJ Datasheet HTML 34Page - STMicroelectronics VNQ7050AJ Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
VNQ7050AJ
Maximum demagnetization energy (VCC = 16 V)
5
Maximum demagnetization energy (VCC = 16 V)
Figure 38: Maximum turn off current versus inductance
Values are generated with RL =
0 Ω.
In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every
pulse must not exceed the temperature specified above for curves A and B.
DocID027405 Rev 1
31/42


Similar Part No. - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7003SY STMICROELECTRONICS-VNQ7003SY Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7003SYTR STMICROELECTRONICS-VNQ7003SYTR Datasheet
2Mb / 102P
   Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results

Similar Description - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
   High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com