Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOTG5103W-845-PCT-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOTG5103W-845-PCT-DC
Description  IP65 front bezel and IPX1 full enclosure design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOTG5103W-845-PCT-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOTG5103W-845-PCT-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOTG5103W-845-PCT-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
509
* All specifications and photos are subject to change without notice.
GOT5103W-845
10.1" WXGA TFT Fanless Touch Panel
Computer with Intel® Celeron® Processor
N3060 (up to 2.48 GHz)
Features
10.1" WXGA wide screen TFT LCD display with LED backlight
Supports 10.1" projected capacitive multi-touch
Fanless design with Intel® Celeron® processor N3060
2 cores (up to 2.48 GHz)
Supports mSATA & Half-slim SATA SSD (optional)
Supports 2 Gigabit LAN, 4 USB, 2 COM ports and 2W
speakers
IP65 front bezel and IPX1 full enclosure design
Supports optional panel mount/VESA arm/desktop stand/
wall mount
Supports external AT/ATX mode selection switch
Introduction
Specifications
Front Bezel
IP65, plastic front bezel
LCD Panel
Display Type
10.1" WXGA TFT LCD withg LED
backlight
Brightness (cd/m
2)
350 nits
Resolution
1280 x 800
Main System
CPU
Intel® Celeron® processor N3060
2 cores (up to 2.48 GHz)
System Memory
1 x 204-pin DDR3L-1600 MHz
SO-DIMM max. up to 8 GB
BIOS
AMI UEFI BIOS
Storage
1 x Half-slim SATA SSD
(for GOT5103W-845-PCT-J, optional)
1 x mSATA
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated Intel® HD GFX
The GOT5103W-845 is a 10.1" Intel® Celeron® processor fanless touch panel computer.
In response to market demand, this panel computer is a cost effective solution. It
adopts a modern, sleek and fanless design and is equipped with a 10.1" TFT LCD as
well as Intel® Celeron® processor N3060 2 cores up to 2.48 GHz. For wireless network
connection, the GOT5103W-845 offers 2 PCIe Mini Card slots. By just installing a mini
card WLAN card and antennas, customers can have instant access to wireless LAN/
GPRS/GSM/4G environments. Besides, it provides two types of power input. One is DC
power input, optional 24 VDC or 9~36 VDC with terminal block connector, and another is
AC power adapter with screw type connector.
Slim & lightweight design
The GOT5103W-845 is slim and lightweight which make it fit for limited space
installation.
Optional internal WLAN antenna
The GOT5103W-845 provides 2 PCIe Mini Card slots and optional internal WLAN
antennas for wireless network connections, customers can use the GOT5103W-845 in
wireless LAN/GPRS/GPS/4G environment.
Support front membrane keys
The GOT5103W-845 provides 5 membrane keys in front of system, people can adjust the
system display, volume and brightness.
Side view
NEW
Fanless
IP65
Low Power
AiRD
DDR3L
DDR3L
DDR3L
DualView
Updated February 26, 2016.
1. Power switch (ATX)
2. Terminal block for DC power input
or
3. Screw conn. w/AC power adapter
4. USB 2.0 x 2
5. Audio (Line-out)
6. COM 1 (RS-232/422/485)
7. COM 2 (RS-232)
8. HDMI
9. USB 3.0 x 2
10. Ethernet x 2
11. AT/ATX switch
12. Speaker
2
3
1
4
5
6
7
8 9 10 11
12
12
1. Power LED
2. HDD LED
3. Brightness adjust
4. Display On/Off
5. Volume adjust
1
2
3
5
4


Similar Part No. - GOTG5103W-845-PCT-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
   Over-current power protection-fuse
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
More results

Similar Description - GOTG5103W-845-PCT-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
GOT5840T-832 AXIOMTEK-GOT5840T-832 Datasheet
524Kb / 2P
   Plastic and IP65-rated front bezel
P1197E-861 AXIOMTEK-P1197E-861 Datasheet
438Kb / 2P
   Robust aluminum with IP65 compliant front bezel design
P1177S-871 AXIOMTEK-P1177S-871 Datasheet
358Kb / 2P
   Robust aluminum with IP65 compliant front bezel design
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
   IP65 Compliant Front Bezel
logo
Axiomtek Co., Ltd.
GOT5120T-832 AXIOMTEK-GOT5120T-832_16 Datasheet
512Kb / 2P
   Plastic and IP65-rated front bezel
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
   IP65 aluminum front bezel
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
   ip65 aliminum front bezel
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
   IP65 Plastic Front Bezel
AGD-315DHTT-V2A-1010 AAEON-AGD-315DHTT-V2A-1010 Datasheet
395Kb / 2P
   IP65 Aluminum Die Cast Front Bezel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com