Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7140AJTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ7140AJTR
Description  Quad channel high-side driver with MultiSense analog feedback
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7140AJTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ7140AJTR Datasheet HTML 9Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 10Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 11Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 12Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 13Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 14Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 15Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 16Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
VNQ7140AJ
Electrical specification
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IL(off2)
OFF-state output
sink current
VIN = 0 V; VOUT = VOL;
Tj = -40°C to 125°C
-100
-15
µA
tDSTKON
OFF-state
diagnostic delay
time from falling
edge of INPUT
(see Figure 9:
"TDSKON")
VSEn = 5 V; ChX ON to OFF
transition;
ChX diagnostic selected:
E.g: Ch0
VIN0 = 5 V to 0 V;
VSEL0,1,2 = 0 V; VOUT0 = 4 V;
IOUT0 = 0 A
100
350
700
µs
tD_OL_V
Settling time for
valid OFF-state
open load
diagnostic
indication from
rising edge of SEn
VIN0,1,2,3 = 0 V; VFR = 0 V;
VSEL0,1,2 = 0 V; VOUT0 = 4 V;
VSEn = 0 V to 5 V
60
µs
tD_VOL
OFF-state
diagnostic delay
time from rising
edge of VOUT
VSEn = 5 V; ChX OFF;
ChX diagnostic selected:
E.g: Ch0
VIN0 = 0 V; VSEL0,1,2 = 0 V;
VOUT0 = 0 V to 4 V
5
30
µs
Chip temperature analog feedback
VSENSE_TC
MultiSense output
voltage proportional
to chip temperature
all channels off
VSEn = 5 V; VSEL0 = 0 V;
VSEL1,2 = 5 V; VIN0,1,2,3 = 0 V;
RSENSE = 1
kΩ; Tj = -40°C
2.325 2.41 2.495
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1,2 = 5 V; VIN0,1,2,3 = 0 V;
RSENSE = 1
kΩ; Tj = 25°C
1.985 2.07 2.155
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1,2 = 5 V; VIN0,1,2,3 = 0 V;
RSENSE = 1
kΩ; Tj = 125°C
1.435 1.52 1.605
V
dVSENSE_TC/dT(1)
Temperature
coefficient
Tj = -40 °C to 150 °C
-5.5
mV/
K
Transfer function
VSENSE_TC (T) = VSENSE_TC (T0) + dVSENSE_TC / dT * (T - T0)
VCC supply voltage analog feedback
VSENSE_VCC
MultiSense output
voltage proportional
to VCC supply
voltage
VCC = 13 V; VSEn = 5 V;
VIN0,1,2,3 = 0 V; VSEL0,1,2 = 5 V;
RSENSE = 1
3.16
3.23
3.3
V
Transfer function (3)
VSENSE_VCC = VCC / 4
Fault diagnostic feedback (see Table 10: "Truth table")
VSENSEH
MultiSense output
voltage in fault
condition
VCC = 13 V; RSENSE = 1
E.g: Ch0 in open load
VIN0 = 0 V; VSEn = 5 V;
VSEL0,1,2 = 0 V; IOUT0 = 0 A;
VOUT0 = 4 V
5
6.6
V
DocID027404 Rev 1
13/46


Similar Part No. - VNQ7140AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
More results

Similar Description - VNQ7140AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com