Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7140AJTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNQ7140AJTR
Description  Quad channel high-side driver with MultiSense analog feedback
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7140AJTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNQ7140AJTR Datasheet HTML 10Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 11Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 12Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 13Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 14Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 15Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 16Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 17Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Electrical specification
VNQ7140AJ
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISENSEH
MultiSense output
current in fault
condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA
MultiSense timings (current sense mode - see Figure 7: "MultiSense timings (current sense
mode)")(4)
tDSENSE1H
Current sense
settling time from
rising edge of SEn
VIN = 5 V; VSEn = 0 V to 5 V;
RSENSE = 1
kΩ; RL = 13 Ω
60
µs
tDSENSE1L
Current sense
disable delay time
from falling edge of
SEn
VIN = 5 V; VSEn = 0 V to 5 V;
RSENSE = 1
kΩ; RL = 13 Ω
5
20
µs
tDSENSE2H
Current sense
settling time from
rising edge of
INPUT
VIN = 0 V to 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; RL = 13 Ω
100
250
µs
ΔtDSENSE2H
Current sense
settling time from
rising edge of IOUT
(dynamic response
to a step change of
IOUT)
VIN = 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; ISENSE = 90 % of
ISENSEMAX; RL = 13
Ω
100
µs
tDSENSE2L
Current sense turn-
off delay time from
falling edge of
INPUT
VIN = 5 V to 0 V; VSEn = 5 V;
RSENSE = 1
kΩ; RL = 13 Ω
50
250
µs
MultiSense timings (chip temperature sense mode - see Figure 8: "Multisense timings (chip
temperature and VCC sense mode)")(4)
tDSENSE3H
VSENSE_TC settling
time from rising
edge of SEn
VSEn = 0 V to 5 V; VSEL0 = 0 V;
VSEL1,2 = 5 V; RSENSE = 1
60
µs
tDSENSE3L
VSENSE_TC disable
delay time from
falling edge of SEn
VSEn = 5 V to 0 V; VSEL0 = 0 V;
VSEL1,2 = 5 V; RSENSE = 1
20
µs
MultiSense timings (VCC voltage sense mode - see Figure 8: "Multisense timings (chip
temperature and VCC sense mode)")(4)
tDSENSE4H
VSENSE_VCC settling
time from rising
edge of SEn
VSEn = 0 V to 5 V; VSEL0,1,2 = 5 V;
RSENSE = 1
60
µs
tDSENSE4L
VSENSE_VCC disable
delay time from
falling edge of SEn
VSEn = 5 V to 0 V; VSEL0,1,2 = 5 V;
RSENSE = 1
20
µs
MultiSense timings (multiplexer transition times)(4)
tD_XtoY
MultiSense
transition delay
from ChX to ChY
VIN0 = 5 V; VIN1 = 5 V; VSEn = 5 V;
VSEL1,2 = 0 V; VSEL0 = 0 V to 5 V;
IOUT0 = 0 A; IOUT1 = 1A;
RSENSE = 1
20
µs
14/46
DocID027404 Rev 1


Similar Part No. - VNQ7140AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
More results

Similar Description - VNQ7140AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com