Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFKC271XSP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFKC271XSP
Description  Aluminum Electrolytic Capacitors/FKS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFKC271XSP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFKC271XSP Datasheet HTML 1Page - Panasonic Semiconductor EEEFKC271XSP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
A±0.2
W
( )Reference
L
+
0.3 max.
Pressure Relief
(φ10 and larger)
Capacitance (μF)
Negative polarity marking (-)
Aluminum Electrolytic Capacitors/FKS
Aluminum Electrolytic Capacitors/FKS
Surface Mount Type
Series:
FKS Type: V
High temperature Lead-Free reflow
Specifications
Size
code
-0.20
-0.20
-0.20
-0.20
Marking
Dimensions in mm (not to scale)
Example:6.3
Example:6.3 V.DC /
V.DC / 270μF
270μF
Marking color:BLACK
Marking color:BLACK
Features
Endurance: 2000 h at 105 ℃
Endurance: 2000 h at 105 ℃
1 size smaller than series FK
1 size smaller than series FK
AEC-Q200 qualified*
AEC-Q200 qualified*
-55 ℃ to +105 ℃
-55 ℃ to +105 ℃
6.3 V.DC to 50 V.DC
6.3 V.DC to 50 V.DC
39 μF to 1800 μF
39 μF to 1800 μF
±20 % (120 Hz/+20 ℃)
±20 % (120 Hz/+20 ℃)
l ≦ 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
l ≦ 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
Please see the attached Standard Products list
Please see the attached Standard Products list
(Impedance ratio at 120Hz
(Impedance ratio at 120Hz)
After reflow soldering and then being stabilized at +20 ℃, capacitors shall meet the following limits.
After reflow soldering and then being stabilized at +20 ℃, capacitors shall meet the following limits.
±10 % of initial measured value
±10 % of initial measured value
+0.15
+0.15
+0.15
+0.15
Frequency (Hz)
Frequency (Hz)
Capacitance (μF)
Capacitance (μF)
Frequency correction factor for ripple current
Unit:mm
02 Oct. 2015
Vibration-proof product is available upon request. (φ8 mm and larger)
Vibration-proof product is available upon request. (φ8 mm and larger)
W.V.(V)
W.V.(V)
Z(-25 ℃)/Z(+20 ℃)
Z(-25 ℃)/Z(+20 ℃)
Z(-40 ℃)/Z(+20 ℃)
Z(-40 ℃)/Z(+20 ℃)
6.3
6.3
2
3
4
10
10
2
3
4
16
16
2
3
4
25
25
2
3
3
35
35
2
3
3
50
50
2
3
3
Z(-55 ℃)/Z(+20 ℃)
Z(-55 ℃)/Z(+20 ℃)
±30 % of initial measured value
±30 % of initial measured value
39 to 1800
39 to 1800
120
120
0.65
0.65
1k
1k
0.85
0.85
10k
10k
0.95
0.95
100k to
100k to
1.00
1.00
270
j KS
j
A
C
E
V
H
25 V.DC
25 V.DC
35 V.DC
35 V.DC
50 V.DC
50 V.DC
6.3 V.DC
6.3 V.DC
10 V.DC
10 V.DC
16 V.DC
16 V.DC
Rated Voltage Mark
Rated Voltage Mark
D
D8
D8
F
G
6.3
6.3
6.3
6.3
8.0
8.0
10.0
10.0
5.8±0.3
5.8±0.3
7.7±0.3
7.7±0.3
10.2±0.3
10.2±0.3
10.2±0.3
10.2±0.3
6.6
6.6
6.6
6.6
8.3
8.3
10.3
10.3
7.8 max.
7.8 max.
7.8 max.
7.8 max.
10.0 max.
10.0 max.
12.0 max.
12.0 max.
2.6
2.6
2.6
2.6
3.4
3.4
3.5
3.5
0.65±0.1
0.65±0.1
0.65±0.1
0.65±0.1
0.90±0.2
0.90±0.2
0.90±0.2
0.90±0.2
1.8
1.8
1.8
1.8
3.1
3.1
4.6
4.6
0.35
0.35
0.35
0.35
0.70±0.2
0.70±0.2
0.70±0.2
0.70±0.2
D
L
A, B
A, B
H
I
W
P
K
≦ 200 % initial specified value
≦ 200 % initial specified value
≦ initial specified value
≦ initial specified value
≦ initial specified value
≦ initial specified value
≦ initial specified value
≦ initial specified value
RoHS directive compliant
RoHS directive compliant
Category Temp. Range
Category Temp. Range
Rated
Rated W.V.
W.V. Range
Range
Nominal Cap. Range
Nominal Cap. Range
Capacitance Tolerance
Capacitance Tolerance
DC Leakage Current
DC Leakage Current
tan δ
tan δ
Endurance
Endurance
Shelf Life
Shelf Life
Resistance to
Resistance to
Soldering Heat
Soldering Heat
Characteristics
Characteristics
at Low Temperature
at Low Temperature
Capacitance Change
Capacitance Change
Capacitance Change
Capacitance Change
tan δ
tan δ
tan δ
tan δ
DC Leakage Current
DC Leakage Current
DC Leakage Current
DC Leakage Current
Series identification
Rated voltage mark
Lot number
* This product qualify for AEC-Q200, but it has some deviations.
After applying rated working voltage for 2000 hours at +105℃±2℃ and then being stabilized at +20℃,
After applying rated working voltage for 2000 hours at +105℃±2℃ and then being stabilized at +20℃,
capacitors shall meet the following limits.
capacitors shall meet the following limits.
After storage for 1000 hours at +105 ℃±2 ℃ with no voltage applied and then being stabilized at +20 ℃,
After storage for 1000 hours at +105 ℃±2 ℃ with no voltage applied and then being stabilized at +20 ℃,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
capacitors shall meet the limits specified in Endurance. (With voltage treatment)


Similar Part No. - EEEFKC271XSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFKC271XSP PANASONIC-EEEFKC271XSP Datasheet
311Kb / 2P
   Aluminum Electrolytic Capacitors
EEEFKC271XSP PANASONIC-EEEFKC271XSP Datasheet
747Kb / 11P
   Aluminum Electrolytic Capacitors
EEEFKC271XSP PANASONIC-EEEFKC271XSP Datasheet
798Kb / 4P
   Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
More results

Similar Description - EEEFKC271XSP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com