Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X00602MA5AL2 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # X00602MA5AL2
Description  0.8A SCRs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

X00602MA5AL2 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  X00602MA5AL2 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. X00602MA5AL2 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. X00602MA5AL2 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. X00602MA5AL2 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. X00602MA5AL2 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
X00602MA
3/5
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus lead temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout).
Fig. 3: Relative variation of thermal impedance
junction to ambient versus pulse duration.
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature.
Fig. 5: Relative variation of holding current
versus gate-cathode resistance (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
P(W)
α = 180°
IT(av)(A)
360°
α
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
IT(av)(A)
D.C.
α = 180°
Tlead(°C)
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IT(av)(A)
α = 180°
D.C.
Tamb(°C)
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K = [Zth(j-a)/Rth(j-a)]
tp(s)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IGT, IH, IL[Tj] / IGT, IH, IL[Tj = 25 °C]
IH & IL
IGT
Tj(°C)
IH[Rgk]/IH[Rgk=1k ]
Rgk(k )
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1E-2
1E-1
1E+0
1E+1
1E+2
www.kersemi.com


Similar Part No. - X00602MA5AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X00602MA5AL2 STMICROELECTRONICS-X00602MA5AL2 Datasheet
72Kb / 5P
   0.8A SCRs
X00602MA5AL2 STMICROELECTRONICS-X00602MA5AL2 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
More results

Similar Description - X00602MA5AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
   0.8A SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
   0.8A SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
   0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
   0.8A SCRs
logo
STMicroelectronics
P01 STMICROELECTRONICS-P01 Datasheet
177Kb / 6P
   0.8A SCRs
X00602MA STMICROELECTRONICS-X00602MA Datasheet
72Kb / 5P
   0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com