Electronic Components Datasheet Search |
|
TYN610 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd. |
|
TYN610 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd. |
1 / 4 page 1/4 TYN210 ---> TYN1010 SCR s High surge capability s High on-state current s High stability and reliability FEATURES The TYN210 ---> TYN1010 Family of Silicon Controlled Rectifiers uses a high performance glass passivated technology. This general purpose Family of Silicon Controlled Rectifiers is designed for power supplies up to 400Hz on resistive or inductive load. DESCRIPTION K A G TO-220AB Symbol Parameter Value Unit IT(RMS) RMS on-state current (180° conduction angle) Tc = 100°C 10 A IT(AV) Average on-state current (180° conduction angle, single phase circuit) Tc = 100°C 6.4 A ITSM Non repetitive surge peak on-state current (Tj initial = 25°C) tp = 8.3ms 105 A tp = 10ms 100 I 2tI2t value tp = 10ms 50 A 2s dI/dt Critical rate of rise of on-state current Gate supply: IG = 100mA dIG/dt = 1A/µs 50 A/µs Tstg Tj Storage and operating junction temperature range -40 to +150 -40 to +125 °C Tl Maximum lead soldering temperature during 10s at 4.5mm from case 260 °C ABSOLUTE RATINGS (limiting values) Symbol Parameter TYN Unit 210 410 610 810 1010 VDRM VRRM Repetitive peak off-state voltage Tj = 125°C 200 400 600 800 1000 V K A G www.kersemi.com Information offers:http://www.kkg.com.cn |
Similar Part No. - TYN610 |
|
Similar Description - TYN610 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |