Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG25D60 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # TG25D60
Description  TRIACS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TG25D60 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TG25D60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TG25D60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TG25C/E/D
39.2 MAX
20.1 MAX
21.6 MAX
30.0±0.1
φ1.7(T1.T2.G)
φ1.7(G)
(G)
(T1
φ2.5(T1.T2
13.9±0.2
Tc Point(depth 2mm)
T'
T
(T2
(T1
(G)
2-φ4.2±0.1
T1
(T=6.35, T'=8.25, t=0.8)
T2
(T=6.35, T'=8.25, t=0.8)
G:
(T=4.75, T'=5.7, t=0.5)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
TG25C40
Ratings
TG25C60
Unit
VDRM
Repetitive Peak Off-State Voltage
400
600
V
Symbol
Item
Conditions
Ratings
25
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Tc
=74℃
One cycle, 50Hz/60Hz, peak, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IGM
Peak Gate Current
VGM
Peak Gate Voltage
Value for one cycle of surge current
A
220/250
A
260
10
A2S
W
1
di/dt
Critical Rate of Rise of On-State Current
IG
=100mA,
Tj
=25℃,
VD
12VDRM
dIG/dt
=1A/μs
Tj
Operating Junction Temperature
Tstg
Storage Temperature
VISO
Isolation Breakdown Voltage
(R.M.S.)
Mounting Torque
(M4)
Mass
A.C.1 minute
Recommended Value 1.0-1.4
(10-14)
Typical value
(Excluding bolt, nut and wrapping material)
3
W
A
10
V
50
A/
μs
−25 to +125
−40 to +125
2500
1.5
(15)
27
V
N
・m
(kgf・B)
g
Symbol
Item
Conditions
Ratings
5
1.4
50
50
50
Unit
IDRM
Reptitive Peak Off-State Current, max
VTM
Peak On-State Voltage, max
VD=VDRM, Single phase, half wave, Tj
=125℃
On-State Current
〔√2×IT(RMS)〕,Inst. measurement
I
GT1
1
2
3
4
Gate Trigger Current, max
I
GT1
I
GT3
I
GT3
VGD
Non-Trigger Gate Voltage, min
dv/dt
Critical Rate of Rise on-State
Voltage,min.
Tj
=25℃,IT=1A,VD=6V
Tj
=25℃,IT=1A,VD=6V
mA
V
mA
Tj
=25℃,IT=1A,VD=6V
3
3
3
0.2
50
6
30
1.6
V
GT1
1
2
3
4
Gate Trigger Voltage, max
V
GT1
V
GT3
V
GT3
Tj
=25℃,IT=1A,VD=6V
Tj
=25℃,IT=1A,VD=6V
V
Tj
=25℃,IT=1A,VD=6V
Tj
=125℃,VD12VDRM
Tj
=125℃,VD23VDRM,Exoponential wave.
〔dv/dt〕c
Critical Rate of Rise off-State
Voltage at commutation, min
IH
Holding Current, typ.
Rth
(j-c) Thermal Impedance, max
Tj
=125℃,VD23VDRM
〔di/dt〕c=15A/ms
Tj
=25℃
Junction to case
V
tgt
Turn On Time, max.
10
IT(RMS)
,IG=100mA,VD12VDRM,Tj=25℃,dIG/dt=1A/μs
V
V/
μs
V/
μs
mA
℃/W
■Electrical Characteristics
UL;E76102
(M)
T1
G
T2
Unit
A
TG25C/E/D are isolated molded triacs
suitable for wide range of applications like
copier, microwave oven, solid state switch,
motor control, light control and heater
control.
IT(AV) 25A
High surge capability 250A
Isolated Nounting
(AC2500V)
Tab Terminals
39.2 MAX
20.1 MAX
21.6 MAX
20.2 MAX
30.0±0.1
φ1.55 (G)
+
-
0.2
0.0
φ2.0 (T1.T2
+
-
0.2
0.0
5-φ1.3±0.2
13.9
3.0±0.3
Tc Point(depth 2mm)
T1:TAB250(T=6.35, T'=8.25, t=0.8)
T2:TAB250(T=6.35, T'=8.25, t=0.8)
G:TAB187(T=4.75, T'=5.7, t=0.5)
T'
T
(T2
(T1
(G)
2-φ4.2±0.1
39.2 MAX
20.1 MAX
21.6 MAX
20.2 MAX
30.0±0.1
φ1.3 (G)
5-φ1.3±0.2
13.9
3.0±0.3
T'
T
(T2
(T1
(G)
2-φ4.2±0.1
φ2.0 (T1.T2
+
-
0.2
0.0
T1:TAB250(T=6.35, T'=8.25, t=0.8)
T2:TAB250(T=6.35, T'=8.25, t=0.8)
G:TAB187(T=4.75, T'=5.7, t=0.8)
7TG-C
7TG-E
7TG-D
www.kersemi.com


Similar Part No. - TG25D60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG25D ETC-TG25D Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25D SANREX-TG25D Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
More results

Similar Description - TG25D60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com