Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405Q-600H Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # T405Q-600H
Description  Sensitive 4Q 4A TRIAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

T405Q-600H Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  T405Q-600H Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. T405Q-600H Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. T405Q-600H Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. T405Q-600H Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. T405Q-600H Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. T405Q-600H Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. T405Q-600H Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T405Q-600
2/7
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
3
°C/W
Rth(j-a)
Junction to ambient
S = 0.5 cm²
DPAK
70
°C/W
IPAK
100
THERMAL RESISTANCES
Symbol
Test Conditions
Quadrant
T405Q
Unit
IGT
(1)
VD=12V RL=30
I-II-III
IV
MAX.
5
10
mA
VGT
ALL
MAX.
1.3
V
VGD
VD=VDRM RL=3.3k
Ω Tj = 125°C
ALL
MIN.
0.2
V
IH
(2)
IT= 100mA
MAX.
10
mA
IL
IG = 1.2IGT
I-III -IV
II
MAX.
10
15
mA
dV/dt
(2)
VD=67% VDRM Gate open Tj = 125°C
MIN.
10
V/µs
(dV/dt)c
(2)
(dI/dt)c = 1.8 A/ms Tj = 125°C
MIN.
2
V/µs
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
VTM
(2)
ITM = 5 A
tp = 380µs
Tj = 25°C
MAX.
1.5
V
VTO
(2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
(2)
Dynamic resistance
Tj = 125°C
MAX.
100
m
IDRM
IRRM
VDRM =VRRM
Tj = 25°C
Tj = 125°C
MAX
5
1
µA
mA
Note 1: Minimum IGT is guaranted at 5% of IGT max.
Note 2: For both polarities of A2 referenced to A1.
STATIC CHARACTERISTICS
Part Number
Voltage
Sensitivity
Type
Package
T405Q-600B-TR
600V
5 mA
Sensitive
DPAK
T405Q-600H
600V
5 mA
Sensitive
IPAK
PRODUCT SELECTOR
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Similar Part No. - T405Q-600H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405Q-600H STMICROELECTRONICS-T405Q-600H Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
T405Q-600H STMICROELECTRONICS-T405Q-600H Datasheet
74Kb / 7P
   Sensitive 4Q 4A TRIAC
T405Q-600HTR STMICROELECTRONICS-T405Q-600HTR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
More results

Similar Description - T405Q-600H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
T405Q-600 STMICROELECTRONICS-T405Q-600 Datasheet
74Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
NTE Electronics
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com