Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB83C166W Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAB83C166W
Description  High-Performance CMOS 16-Bit Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB83C166W Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAB83C166W Datasheet HTML 5Page - Infineon Technologies AG SAB83C166W Datasheet HTML 6Page - Infineon Technologies AG SAB83C166W Datasheet HTML 7Page - Infineon Technologies AG SAB83C166W Datasheet HTML 8Page - Infineon Technologies AG SAB83C166W Datasheet HTML 9Page - Infineon Technologies AG SAB83C166W Datasheet HTML 10Page - Infineon Technologies AG SAB83C166W Datasheet HTML 11Page - Infineon Technologies AG SAB83C166W Datasheet HTML 12Page - Infineon Technologies AG SAB83C166W Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
SAB 80C166W/83C166W
Semiconductor Group
9
Memory Organization
The memory space of the SAB 80C166W/83C166W is configured in a Von Neumann architecture
which means that code memory, data memory, registers and I/O ports are organized within the
same linear address space which includes 256 KBytes. Address space expansion to 16 MBytes is
provided for future versions. The entire memory space can be accessed bytewise or wordwise.
Particular portions of the on-chip memory have additionally been made directly bit addressable.
The SAB 83C166W contains 32 KBytes of on-chip mask-programmable ROM for code or constant
data. The ROM can be mapped to either segment 0 or segment 1.
1 KByte of on-chip RAM is provided as a storage for user defined variables, for the system stack,
general purpose register banks and even for code. A register bank can consist of up to 16 wordwide
(R0 to R15) and/or bytewide (RL0, RH0, …, RL7, RH7) so-called General Purpose Registers
(GPRs).
512 bytes of the address space are reserved for the Special Function Register area. SFRs are
wordwide registers which are used for controlling and monitoring functions of the different on-chip
units. 98 SFRs are currently implemented. Unused SFR addresses are reserved for future
members of the SAB 80C166 family.
In order to meet the needs of designs where more memory is required than is provided on chip, up
to 256 KBytes of external RAM and/or ROM can be connected to the microcontroller.
External Bus Controller
All of the external memory accesses are performed by a particular on-chip External Bus Controller
(EBC). It can be programmed either to Single Chip Mode when no external memory is required, or
to one of four different external memory access modes, which are as follows:
– 16-/18-bit Addresses, 16-bit Data, Demultiplexed
– 16-/18-bit Addresses, 16-bit Data, Multiplexed
– 16-/18-bit Addresses, 8-bit Data, Multiplexed
– 16-/18-bit Addresses, 8-bit Data, Demultiplexed
In the demultiplexed bus modes, addresses are output on Port 1 and data is input/output on Port 0.
In the multiplexed bus modes both addresses and data use Port 0 for input/output.
Important timing characteristics of the external bus interface (Memory Cycle Time, Memory Tri-
State Time, Read/Write Delay and Length of ALE, ie. address setup/hold time with respect to ALE)
have been made programmable to allow the user the adaption of a wide range of different types of
memories. In addition, different address ranges may be accessed with different bus characteristics.
Access to very slow memories is supported via a particular ‘Ready’ function. A HOLD/HLDA
protocol is available for bus arbitration.
For applications which require less than 64 KBytes of external memory space, a non-segmented
memory model can be selected. In this case all memory locations can be addressed by 16 bits and
Port 4 is not required to output the additional segment address lines.


Similar Part No. - SAB83C166W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB83C166W-5M SIEMENS-SAB83C166W-5M Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB83C166W-5MT3 SIEMENS-SAB83C166W-5MT3 Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB83C166W-5MT4 SIEMENS-SAB83C166W-5MT4 Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
More results

Similar Description - SAB83C166W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167 SIEMENS-C167 Datasheet
2Mb / 56P
   High-Performance CMOS 16-Bit Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ12GP201 MICROCHIP-PIC24HJ12GP201 Datasheet
3Mb / 234P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com