Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB83C166W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SAB83C166W
Description  High-Performance CMOS 16-Bit Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB83C166W Datasheet(HTML) 1 Page - Infineon Technologies AG

  SAB83C166W Datasheet HTML 1Page - Infineon Technologies AG SAB83C166W Datasheet HTML 2Page - Infineon Technologies AG SAB83C166W Datasheet HTML 3Page - Infineon Technologies AG SAB83C166W Datasheet HTML 4Page - Infineon Technologies AG SAB83C166W Datasheet HTML 5Page - Infineon Technologies AG SAB83C166W Datasheet HTML 6Page - Infineon Technologies AG SAB83C166W Datasheet HTML 7Page - Infineon Technologies AG SAB83C166W Datasheet HTML 8Page - Infineon Technologies AG SAB83C166W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Semiconductor Group
1
10.94
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bits), 1 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Up to 256 KBytes Linear Address Space for Code and Data
q
1 KByte On-Chip RAM
q
32 KBytes On-Chip ROM (SAB 83C166W only)
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Buses
q
Hold and Hold-Acknowledge Bus Arbitration Support
q
512 Bytes On-Chip Special Function Register Area
q
Idle and Power Down Modes
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System
q
10-Channel 10-bit A/D Converter with 9.7
µs Conversion Time
q
16-Channel Capture/Compare Unit
q
Two Multi-Functional General Purpose Timer Units with 5 Timers
q
Two Serial Channels (USARTs)
q
Programmable Watchdog Timer
q
Up to 76 General Purpose I/O Lines
q
Direct clock input without prescaler
q
Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers,
Programming Boards
q
On-Chip Bootstrap Loader
q
100-Pin Plastic MQFP Package (EIAJ)
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Preliminary
SAB 80C166W/83C166W / 83C166W
16-Bit Microcontroller
SAB 80C166W/
83C166W/
83C166W


Similar Part No. - SAB83C166W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB83C166W-5M SIEMENS-SAB83C166W-5M Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB83C166W-5MT3 SIEMENS-SAB83C166W-5MT3 Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB83C166W-5MT4 SIEMENS-SAB83C166W-5MT4 Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
More results

Similar Description - SAB83C166W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167 SIEMENS-C167 Datasheet
2Mb / 56P
   High-Performance CMOS 16-Bit Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ12GP201 MICROCHIP-PIC24HJ12GP201 Datasheet
3Mb / 234P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com