Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF82532 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAF82532
Description  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF82532 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAF82532 Datasheet HTML 7Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 8Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 9Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 10Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 11Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 12Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 13Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 14Page - Siemens Semiconductor Group SAF82532 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 272 page
background image
SAB 82532/SAF 82532
Introduction
Semiconductor Group
11
07.96
1.3
Pin Definitions and Functions
Pin No.
Symbol
Input (I)
Output (O)
Function
P-LCC-68
P-MQFP-80
2 ... 8
31 … 37
A0 ... A6
I
Address Bus
These inputs interface with seven bits of
the system’s address bus to select one of
the internal registers for read or write.
60 ... 45
19 … 4
D0 ... D15 I/O
Data Bus
Bi-directional three-state data lines which
interface with the system’s data bus. Their
configuration is controlled by the level of
pin WIDTH:
– 8-bit mode (WIDTH = 0): D0 ... D7 are
active.
D8 ... D15 are in high impedance and
have to be connected to
V
DD or VSS.
– 16-bit mode (WIDTH = 1): D0 ... D15
are active. In case of byte transfers, the
active half of the bus is determined by
A0 and BHE/BLE and the selected bus
interface mode (via ALE). The unused
half is in high impedance. For detailed
information, refer to chapter 3.1.
9
38
ALE
I
Address Latch Enable
The level at this pin defines the bus
interface mode:
Fixed to
V
SS: Demultiplexed
Siemens/Intel bus interface
Fixed to ‘1’: Demultiplexed Motorola bus
interface
Switching: Multiplexed Siemens/Intel
bus interface
The address information provided on lines
A0 ... A6 is internally latched with the
falling edge of ALE. This function allows
the ESCC2 to be directly connected to a
multiplexed address/data bus. In this
case, pins A0 ... A6 must be externally
connected to the Data Bus pins (e.g.
D0 … D6 for 8-bit CPUs).
Note: All unused input pins have to be connected to a defined level.


Similar Part No. - SAF82532

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF82538 INFINEON-SAF82538 Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAF82538H-10 INFINEON-SAF82538H-10 Datasheet
2Mb / 253P
   ICs for Communications
03.95
More results

Similar Description - SAF82532

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com