Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB82532N Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SAB82532N
Description  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82532N Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SAB82532N Datasheet HTML 1Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 2Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 3Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 4Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 5Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 6Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 7Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 8Page - Siemens Semiconductor Group SAB82532N Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 272 page
background image
Edition 07.96
This edition was realized using the software system FrameMaker®.
Published by Siemens AG,
Bereich Halbleiter, Marketing-
Kommunikation, Balanstraße 73,
81541 München
© Siemens AG 1996.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes
and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or the Siemens Companies
and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we
will take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs in-
curred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or systems2 with the express
written approval of the Semiconductor Group of Siemens AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the
failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain hu-
man life. If they fail, it is reasonable to assume that the health of the user may be endangered.
SAB 82532
SAF 82532
Revision History:
Current Version: 07.96
Previous Version: User’s Manual 07.93
Page
(in previous
Version)
Page
(in new
Version)
Subjects (major changes since last revision)
-
10
new package provided: P-MQFP-80
-
72
Selectable out-of-band flow control in ASYNC mode: description added
-
75
In-band flow control transparency: description added
-
87
Selectable enhanced resolution BRG: description added
110, 141, 167
124, 170, 208
Timer register (TIMR): description extended for V3.x
107, 127
120, 149
RSTA register, ISR0 register (RME interrupt): description extended
115, 146, 172
133, 179, 217
XBCH, bit XC: description extended
124,152, 179
144, 187, 227
Baud rate generator register (BGR): description extended
133
157
Channel configuration register 4 (CCR4) in HDLC mode: description extended
138
164
STAR, bit XFW: description extended
140
168
Mode register (MODE) in ASYNC mode: new bits (FRTS, FRCS)
144
175
RFIFO Control Register (RFC) in ASYNC mode: new bit (DXS)
-
198, 237
Channel Configuration Register 4 (CCR4) in ASYNC and BISYNC mode: new
register
204
256
XTAL1 clock period, high time and low time: min. values for N-10 version
corrected


Similar Part No. - SAB82532N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82538 INFINEON-SAB82538 Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H INFINEON-SAB82538H Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H-10 INFINEON-SAB82538H-10 Datasheet
2Mb / 253P
   ICs for Communications
03.95
More results

Similar Description - SAB82532N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com