Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C505L Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAB-C505L
Description  8-bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C505L Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAB-C505L Datasheet HTML 7Page - Infineon Technologies AG SAB-C505L Datasheet HTML 8Page - Infineon Technologies AG SAB-C505L Datasheet HTML 9Page - Infineon Technologies AG SAB-C505L Datasheet HTML 10Page - Infineon Technologies AG SAB-C505L Datasheet HTML 11Page - Infineon Technologies AG SAB-C505L Datasheet HTML 12Page - Infineon Technologies AG SAB-C505L Datasheet HTML 13Page - Infineon Technologies AG SAB-C505L Datasheet HTML 14Page - Infineon Technologies AG SAB-C505L Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
C505L
Data Sheet
9
06.99
XTAL2
47
O
XTAL2
Output of the inverting oscillator amplifier.
XTAL1
48
I
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source, XTAL1
should be driven, while XTAL2 is left unconnected. To
operate above a frequency of 16 MHz, a duty cycle of 50%
should be maintained.
Minimum and maximum high and low times as well as rise/
fall times specified in the AC characteristics (refer to data
Sheet) must be observed.
XTAL4
51
O
XTAL4
Output of the inverting real-time clock oscillator amplifier.
XTAL3
52
I
XTAL3
Input to the inverting real-time clock oscillator amplifier.
To drive the real-time clock from an external clock source,
XTAL3 should be driven, while XTAL4 is left unconnected.
Minimum and maximum high and low times as well as rise/
fall times specified in the AC characteristics (refer to Data
sheet) must be observed.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function


Similar Part No. - SAB-C505L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C505-2RM SIEMENS-SAB-C505-2RM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAB-C505-LM SIEMENS-SAB-C505-LM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAB-C505A-4EM SIEMENS-SAB-C505A-4EM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAB-C505C-2RM SIEMENS-SAB-C505C-2RM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAB-C505C-LM SIEMENS-SAB-C505C-LM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C505L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com