Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMF-C144 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C144
Description  Side View SMT ChipLED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C144 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C144 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Luminous Intensity Bin
Bin
Min (mcd)
Max (mcd)
M
18.0
28.5
N
28.5
45.0
P
45.0
71.5
Q
71.5
112.5
R
112.5
180.0
Tolerance for each bin limit is ±15%
AlInGaP Green Color Bin
Bin
Min (nm)
Max (nm)
A
561.5
564.5
B
564.5
567.5
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
Tolerance for each bin limit is ± 0.5nm
AlInGaP Red Color Bin
Bin
Min (nm)
Max (nm)
-
620
635
Tolerance for each bin limit is ± 1nm
DISCLAIMER
AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR
SALE AS PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT
OPERATION OF A NUCLEAR FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS
SOLELY RESPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL
LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.


Similar Part No. - HSMF-C144

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C142 AVAGO-HSMF-C142 Datasheet
323Kb / 7P
   Side View SMT ChipLED
HSMF-C143 AVAGO-HSMF-C143 Datasheet
197Kb / 8P
   Side View SMT ChipLED
HSMF-C145 AVAGO-HSMF-C145 Datasheet
202Kb / 8P
   Side View SMT ChipLED
HSMF-C146 AVAGO-HSMF-C146 Datasheet
317Kb / 7P
   Side View SMT ChipLED
More results

Similar Description - HSMF-C144

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C146 AVAGO-HSMF-C146 Datasheet
317Kb / 7P
   Side View SMT ChipLED
HSMF-C142 AVAGO-HSMF-C142 Datasheet
323Kb / 7P
   Side View SMT ChipLED
HSMF-C145 AVAGO-HSMF-C145 Datasheet
202Kb / 8P
   Side View SMT ChipLED
HSMF-C143 AVAGO-HSMF-C143 Datasheet
197Kb / 8P
   Side View SMT ChipLED
logo
Broadcom Corporation.
HSMF-C127 BOARDCOM-HSMF-C127 Datasheet
653Kb / 9P
   Tri-Color Side-View ChipLED
HSMC-C290 BOARDCOM-HSMC-C290 Datasheet
833Kb / 9P
   Top View Red ChipLED
HSML-C290 BOARDCOM-HSML-C290 Datasheet
832Kb / 9P
   Top View Orange ChipLED
HSMQ-C191-T0000 BOARDCOM-HSMQ-C191-T0000 Datasheet
1Mb / 9P
   Top View InGaN Green ChipLED
HSMQ-C170-T0000 BOARDCOM-HSMQ-C170-T0000 Datasheet
1Mb / 9P
   Top View InGaN Green ChipLED
HSME-C290 BOARDCOM-HSME-C290 Datasheet
829Kb / 9P
   Top View Yellow Green ChipLED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com