Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG08C60A Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # SMG08C60A
Description  TYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SMG08C60A Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  SMG08C60A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SMG08C60A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SMG08C60A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMG08C60A
■ Maximum Ratings
Tj=25℃ unless otherwise specified)
VRRM
Repetitive Peak Reverse Voltage
600
V
Symbol
Item
Reference
Ratings
1.3
Unit
IT(RMS) R.M.S. On-State Current
ITSM
Surge On-State Current
Single phase, half wave, 180°, conduction, Tc =46℃
VRSM
Non-Repetitive Peak Reverse Voltage
720
V
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
0.8
A
Single phase, half wave, 180°, conduction, Tc =46℃
50Hz/60Hz, 12 cycle Peak value, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage(Forward)
A
18/ 20
A
1.65
0.5
A2S
W
0.1
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
0.3
W
A
6
V
VRGM
Peak Gate Voltage(Reverse)
6
V
40~+125
40~+150
0.05
g
Electrical Characteristics
IDRM
Repetitive Peak Off-State Current
0.5
0.5
1.5
100
0.8
0.2
300
65
mA
Symbol
Item
Reference
Ratings
Unit
VGT
Gate Trigger Voltage
VGD
Non-Trigger Gate Voltage
Tj=125℃, VD=VDRM, RGK=1kΩ
IRRM
Repetitive Peak Reverse Current
mA
Tj=125℃, VR=VRRM, RGK=1kΩ
VTM
Peak On-State Voltage
V
IT=2.5A, Inst. measurement
IGT
Gate Trigger Current
μ A
VD=6V, RL=100Ω
Tj=125℃, VD12VDRM, RGK=1kΩ
IH
Holding Current
Rthj-aThermal Resistance
V
V
Junction to ambient
μ A
/ W
4.5 ±0.1
0.42 ±0.1
0.4 ±0.05
2.2
1.0
1.0
1.5
1.5
3.0
45゜
45゜
1.0
0.46 ±0.1
3 ±0.1
(1.5)
1.6 ±0.2
1.5 ±0.1
1 Gate
2 A
3 K
1
3
2
2
2
3
1
Min.
Typ.
Max.
Identifying Code:
S08C6A
TO-89
yristor SMG08C60A is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Electric Blankets, Starter for FL, other control applications
Industrial Use
: SMPS, Solenoid for Breakers, Motor Controls, Heater
Controls, other control applications
Features
IT(AV)=0.8A
High Surge Current
Lead-Free Package
Unit:mm
www.kersemi.com


Similar Part No. - SMG08C60A

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SMG08C60A SANREX-SMG08C60A Datasheet
476Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
More results

Similar Description - SMG08C60A

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT55 SEMIKRON-SKT55 Datasheet
553Kb / 4P
   Line Tyristor
logo
Fuji Electric
4R3TI20Y-080 FUJI-4R3TI20Y-080 Datasheet
129Kb / 5P
   DIODE and TYRISTOR MODULE
3R3TI30E-080 FUJI-3R3TI30E-080 Datasheet
129Kb / 5P
   DIODE and TYRISTOR MODULE
4R3TI60Y-080 FUJI-4R3TI60Y-080 Datasheet
131Kb / 5P
   DIODE and TYRISTOR MODULE
3RTI20E-080 FUJI-3RTI20E-080 Datasheet
124Kb / 5P
   DIODE and TYRISTOR MODULE
3R3TI60E-080 FUJI-3R3TI60E-080 Datasheet
126Kb / 5P
   DIODE and TYRISTOR MODULE
4R3TI30Y-080 FUJI-4R3TI30Y-080 Datasheet
131Kb / 5P
   DIODE and TYRISTOR MODULE
6R1TI30Y-080 FUJI-6R1TI30Y-080 Datasheet
127Kb / 5P
   DIODE AND TYRISTOR MODULE
logo
List of Unclassifed Man...
3R3TI20E-080 ETC2-3R3TI20E-080 Datasheet
128Kb / 4P
   DIODE and TYRISTOR MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com