Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMB9 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SEMB9
Description  PNP Silicon Digital Transistor Array Preliminary data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SEMB9 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SEMB9 Datasheet HTML 1Page - Infineon Technologies AG SEMB9 Datasheet HTML 2Page - Infineon Technologies AG SEMB9 Datasheet HTML 3Page - Infineon Technologies AG SEMB9 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEMB9
Feb-25-2004
4
Total power dissipation
Ptot = f (TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0


Similar Part No. - SEMB9

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SEMB9 INFINEON-SEMB9 Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
Jun-14-2004
More results

Similar Description - SEMB9

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SEMB2 INFINEON-SEMB2 Datasheet
143Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMB10 INFINEON-SEMB10 Datasheet
143Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Mar-01-2004
SEMB1 INFINEON-SEMB1 Datasheet
142Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Feb-25-2004
SEMB4 INFINEON-SEMB4 Datasheet
142Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Mar-01-2004
SEMB11 INFINEON-SEMB11 Datasheet
143Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Feb-09-2004
SEMB13 INFINEON-SEMB13 Datasheet
143Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD2 INFINEON-SEMD2 Datasheet
156Kb / 5P
   NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD3 INFINEON-SEMD3 Datasheet
156Kb / 5P
   NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD9 INFINEON-SEMD9 Datasheet
156Kb / 5P
   NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD4 INFINEON-SEMD4 Datasheet
155Kb / 5P
   NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com