Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1605FCT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SF1605FCT
Description  16A SUPER FAST RECOVERY RECTIFIER 50V-600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF1605FCT Datasheet(HTML) 1 Page - Frontier Electronics.

  SF1605FCT Datasheet HTML 1Page - Frontier Electronics. SF1605FCT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF1605FCT THRU SF1660FCT SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. GLASS PASSIVATED CHIP JUNCTION
3. LOW FORWARD VOLTAGE DROP
4. HIGH SURGE CURRENT CAPABILITY
5. LOW LOSSES
6. CASE: TRANSFER MOLDED, ITO-220AB
7. POLARITY: AS MARKED
8. WEIGHT: 1.70 GRAMS
9. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
10. RoHS, SUFFIX "-H" INDICATES HALOGEN FREE PARTS
16A SUPER FAST RECOVERY RECTIFIER 50V-600V
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0
RATINGS
SYMBOL
VALUE
UNITS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +150°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
IO
16
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
125
A
TYPICAL THERMAL RESISTANCE (NOTE 1)
Rθjc
2.5
℃/W
MAXIMUM REVERSE CURRENT @ 25
IR
5
uA
MAXIMUM REVERSE CURRENT @ 125
IR
250
uA
MAXIMUM REVERSE RECOVERY TIME
TRR
35
nS
SF1605FCT
1. THERMAL RESISTANCE JUNCTION TO CASE PER LEG MOUNTED ON HEAT SINK
2. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
3. MAXIMUM FORWARD VOLTAGE @ Io DC
PART NUMBER
MAX RECURRENT PK
REV VOLTAGE VRRM (V)
MAX RMS VOLTAGE
VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
MAX FWD VOLTAGE
VF (V)
MARKING
SF1605FCT
50
35
50
0.98
SF1620FCT
SF1610FCT
100
70
100
0.98
SF1610FCT
SF1620FCT
200
140
200
0.98
SF1660FCT
SF1640FCT
400
280
400
1.3
SF1640FCT
SF1660FCT
600
420
600
1.7


Similar Part No. - SF1605FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1605FCT PACELEADER-SF1605FCT Datasheet
730Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1605FCT YEASHIN-SF1605FCT Datasheet
46Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
Formosa MS
SF1605FCT FORMOSA-SF1605FCT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
More results

Similar Description - SF1605FCT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
   10A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
   20A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 16A)
logo
Frontier Electronics.
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
SF161 DIODES-SF161 Datasheet
56Kb / 2P
   16A SUPER-FAST RECOVERY RECTIFIER
DS24006 Rev. E-3
logo
Frontier Electronics.
SFF160-03CT FRONTIER-SFF160-03CT Datasheet
130Kb / 2P
   16A DUAL SUPER FAST RECOVERY RECTIFIER
SFF160-005CT FRONTIER-SFF160-005CT Datasheet
131Kb / 2P
   16A DUAL SUPER FAST RECOVERY RECTIFIER
SFF160-03CT-LFR FRONTIER-SFF160-03CT-LFR Datasheet
131Kb / 2P
   16A DUAL SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com