Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1610FCT Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SF1610FCT
Description  16A SUPER FAST RECOVERY RECTIFIER 50V-600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF1610FCT Datasheet(HTML) 2 Page - Frontier Electronics.

  SF1610FCT Datasheet HTML 1Page - Frontier Electronics. SF1610FCT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF1605FCT THRU SF1660FCT SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
2
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
RATING AND CHARACTERISTIC CURVES


Similar Part No. - SF1610FCT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF1610FCT FORMOSA-SF1610FCT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
More results

Similar Description - SF1610FCT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
   10A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
   20A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 16A)
logo
Frontier Electronics.
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
SF161 DIODES-SF161 Datasheet
56Kb / 2P
   16A SUPER-FAST RECOVERY RECTIFIER
DS24006 Rev. E-3
logo
Frontier Electronics.
SFF160-03CT FRONTIER-SFF160-03CT Datasheet
130Kb / 2P
   16A DUAL SUPER FAST RECOVERY RECTIFIER
SFF160-005CT FRONTIER-SFF160-005CT Datasheet
131Kb / 2P
   16A DUAL SUPER FAST RECOVERY RECTIFIER
SFF160-03CT-LFR FRONTIER-SFF160-03CT-LFR Datasheet
131Kb / 2P
   16A DUAL SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com