Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE250-2P1131 Datasheet(PDF) 2 Page - SICK AG

Part # WSE250-2P1131
Description  Through-beam photoelectric sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WSE250-2P1131 Datasheet(HTML) 2 Page - SICK AG

  WSE250-2P1131 Datasheet HTML 1Page - SICK AG WSE250-2P1131 Datasheet HTML 2Page - SICK AG WSE250-2P1131 Datasheet HTML 3Page - SICK AG WSE250-2P1131 Datasheet HTML 4Page - SICK AG WSE250-2P1131 Datasheet HTML 5Page - SICK AG WSE250-2P1131 Datasheet HTML 6Page - SICK AG WSE250-2P1131 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/15/2016 1:46:14 AM
Photoelectric sensors
W250-2, Through-beam photoelectric sensor
1) Average service life of 100,000 h at TA = +25 °C 2) With position indicator
Type
> WSE250-2P1131
Part No.
> 6044703
At a glance
Very high sensing range in compact housing
Versions for 10 - 30 V DC or 24 - 240 V DC/ 24 – 240 V AC voltage supply in
compact design
Mounting bracket included in delivery
Potentiometer with an easy-to-read positioning indicator for adjusting the sensing
range
Operating mode (light/dark) selectable via control wire
Cable or rotatable M12 connector
Your benefits
Universal AC/DC voltage variants provide high performance and increased
flexibility in environments with limited space
High performance reserve in harsh environmental conditions
Mounting kit reduces installation time
Operating mode (light/dark) is selectable via a control cable to reduce the number
of device variants
Mounting compatibility - DC devices and AC/DC devices available in same design
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
20 mm x 65 mm x 43.9 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 50 m
Sensing range:
0 m ... 40 m
Type of light:
Visible red light
Light source:
BrightLight LED 1)
Angle of dispersion:
Ca. 2 °
Adjustment:
Potentiometer, 2 turns
2)
Light spot size (distance):
Ø 0.6 m (20 m)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Power consumption, sender:
20 mA 3)


Similar Part No. - WSE250-2P1131

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSE250-2P1231 SICK-WSE250-2P1231 Datasheet
515Kb / 7P
   Through-beam photoelectric sensor
More results

Similar Description - WSE250-2P1131

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com