Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3406 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # AO3406
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AO3406 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  AO3406 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AO3406 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AO3406 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AO3406 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
70
90
100
125
RθJL
63
80
Junction and Storage Temperature Range
A
PD
°C
1.4
0.9
-55 to 150
TA=70°C
ID
3.6
2.9
15
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 3.6A (VGS = 10V)
RDS(ON) < 65mΩ (VGS = 10V)
RDS(ON) < 105mΩ (VGS = 4.5V)
General Description
The AO3406 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM
applications. Standard Product AO3406 is Pb-free
(meets ROHS & Sony 259 specifications). AO3406L
is a Green Product ordering option. AO3406 and
AO3406L are electrically identical.
G
D
S
TO-236
(SOT-23)
AO3406
Top View
G
S
D
2014-5-27
1
www.kersemi.com


Similar Part No. - AO3406

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3406 AOSMD-AO3406 Datasheet
110Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO3406 AOSMD-AO3406 Datasheet
534Kb / 5P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3406 KEXIN-AO3406 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3406-HF KEXIN-AO3406-HF Datasheet
2Mb / 4P
   N-Channel MOSFET
AO3406-HF-3 KEXIN-AO3406-HF-3 Datasheet
2Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3406

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com