Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74VMEH22501A-EP Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74VMEH22501A-EP
Description  8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74VMEH22501A-EP Datasheet(HTML) 5 Page - Texas Instruments

  SN74VMEH22501A-EP_15 Datasheet HTML 1Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 2Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 3Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 4Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 5Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
SN74VMEH22501A-EP
www.ti.com
SCES625A – FEBRUARY 2005 – REVISED NOVEMBER 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
3A3
13
I/O
Data in/out
OE
14
I
Active low enable pin for UBT
GND
15
Ground
3A4
16
I/O
Data in/out
CLKBA
17
I
Clock for 3B data to 3A bus
VCC
18
I
Power supply input for internal circuits
3A5
19
I/O
Data in/out
3A6
20
I/O
Data in/out
GND
21
Ground
3A6
22
I/O
Data in/out
3A8
23
I/O
Data in/out
DIR
24
Direction control for UBT
VCC
25
I
Power supply input for internal circuits
3B8
26
I/O
Data in/out
3B7
27
I/O
Data in/out
GND
28
Ground
3B6
29
I/O
Data in/out
3B5
30
I/O
Data in/out
VCC
31
I
Power supply input for internal circuits
CLKAB
32
I
Clock for 3A data to 3B bus
3B4
33
I/O
Data in/out
GND
34
Ground
VCC
35
I
Power supply input for internal circuits
3B3
36
I/O
Data in/out
3B2
37
I/O
Data in/out
VCC
38
I
Power supply input for internal circuits
GND
39
Ground
3B1
40
I/O
Data in/out
2OEAB
41
I
Active high control output for 2B bus
VCC
42
I
Power supply input for internal circuits
2B
43
I/O
Data in/out
BIAS VCC
44
I
Power supply input for internal circuits
GND
45
Ground
1B
46
I/O
Data in/out
VCC
47
I
Power supply input for internal circuits
1OEAB
48
I
Active high control output for 1B bus
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74VMEH22501A-EP


Similar Part No. - SN74VMEH22501A-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
More results

Similar Description - SN74VMEH22501A-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
logo
NEC
UPB8286 NEC-UPB8286 Datasheet
180Kb / 4P
   8 BIT BUS TRANSCEIVERS
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
   8-Bit Universal Bus Register
logo
ON Semiconductor
74LCX16501 ONSEMI-74LCX16501 Datasheet
188Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised March 2001
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
logo
Texas Instruments
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com