Electronic Components Datasheet Search |
|
SN74LVC3G34DCUR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN74LVC3G34DCUR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 21 page SN74LVC3G34 SN74LVC3G34 Buffer Function Basic LED Driver VCC VCC Microcontroller or Logic Microcontroller or Logic Microcontroller or Logic SN74LVC3G34 www.ti.com SCES366L – AUGUST 2001 – REVISED OCTOBER 2015 9 Application and Implementation 9.1 Application Information The SN74LVC3G34 is a high-drive CMOS device that can be used as a buffer with a high output drive, such as an LED application. It can produce 24 mA of drive current at 3.3 V, making it ideal for driving multiple outputs and good for high-speed applications up to 100 MHz. The inputs are 5.5-V tolerant, allowing it to translate down to VCC. 9.2 Typical Application 9.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads so routing and load conditions must be considered to prevent ringing. 9.2.2 Detailed Design Procedure 1. Recommended Input Conditions – Rise time and fall time specs. See ( Δt/ΔV) in the Recommended Operating Conditions table. – Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table. – Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating Conditions table at any valid VCC. 2. Recommended Output Conditions – Load currents must not exceed (IO max) per output and must not exceed (Continuous current through VCC or GND) total current for the part. These limits are located in the Recommended Operating Conditions table. – Outputs must not be pulled above VCC under normal operating conditions. Copyright © 2001–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: SN74LVC3G34 |
Similar Part No. - SN74LVC3G34DCUR |
|
Similar Description - SN74LVC3G34DCUR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |