Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCC3245ANSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCC3245ANSR
Description  Octal Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCC3245ANSR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVCC3245ANSR Datasheet HTML 1Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 2Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 3Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 4Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 5Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 6Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 7Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 8Page - Texas Instruments SN74LVCC3245ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN74LVCC3245A
www.ti.com
SCAS585P – NOVEMBER 1996 – REVISED DECEMBER 2015
Recommended Operating Conditions
(1)
(continued)
VCCA
VCCB
MIN
NOM
MAX
UNIT
2.3 V
3 V
0.8
2.7 V
3 V
0.8
VILB
Low-level input voltage
V
3 V
3.6 V
0.8
3.6 V
5.5 V
1.65
2.3 V
3 V
1.7
2.7 V
3 V
2
High-level input voltage (control terminals)
VIH
V
(referenced to VCCA)
3 V
3.6 V
2
3.6 V
5.5 V
2
2.3 V
3 V
0.7
2.7 V
3 V
0.8
Low-level input voltage (control terminals)
VIL
V
(referenced to VCCA)
3 V
3.6 V
0.8
3.6 V
5.5 V
0.8
VIA
Input voltage
0
VCCA
V
VIB
Input voltage
0
VCCB
V
VOA
Output voltage
0
VCCA
V
VOB
Output voltage
0
VCCB
V
2.3 V
3 V
–8
2.7 V
3 V
–12
IOHA
High-level output current
mA
3 V
3 V
–24
2.7 V
4.5 V
–24
2.3 V
3 V
–12
2.7 V
3 V
–12
IOHB
High-level output current
mA
3 V
3 V
–24
2.7 V
4.5 V
–24
2.3 V
3 V
8
2.7 V
3 V
12
IOLA
Low-level output current
mA
3 V
3 V
24
2.7 V
4.5 V
24
2.3 V
3 V
12
2.7 V
3 V
12
IOLB
Low-level output current
mA
3 V
3 V
24
2.7 V
4.5 V
24
Δt/Δv
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
SN74LVCC3245A
DBQ
THERMAL METRIC(1)(2)
DB (SSOP)
DW (SOIC)
NS (SO)
PW (TSSOP)
UNIT
(SSOP)
24 PINS
24 PINS
24 PINS
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
63
61
46
65
88
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVCC3245A


Similar Part No. - SN74LVCC3245ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC3245ANSR TI-SN74LVCC3245ANSR Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245ANSRE4 TI-SN74LVCC3245ANSRE4 Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCC3245ANSR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com