Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCC3245APW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCC3245APW
Description  Octal Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCC3245APW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCC3245APW Datasheet HTML 1Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 2Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 3Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 4Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 5Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 6Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 7Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 8Page - Texas Instruments SN74LVCC3245APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DIR
OE
A1
B1
To Seven Other Channels
2
3
22
21
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVCC3245A
SCAS585P – NOVEMBER 1996 – REVISED DECEMBER 2015
SN74LVCC3245A Octal Bus Transceiver With Adjustable Output Voltage
and 3-State Outputs
1 Features
3 Description
The
SN74LVCC3245A
device
is
8-bit
(octal)
1
Bidirectional Voltage Translator
noninverting bus transceiver contains two separate
2.3 V to 3.6 V on A Port and 3 V to 5.5 V
supply rails. The B port is designed to track VCCB,
on B Port
which accepts voltages from 3 V to 5.5 V, and the A
Control Inputs VIH and VIL Levels Are Referenced
port is designed to track VCCA, which operates at 2.3
V to 3.6 V. This allows for translation from a 3.3-V to
to VCCA Voltage
a 5-V system environment and vice versa, from a
Latch-Up Performance Exceeds 250 mA
2.5-V to a 3.3-V system environment and vice versa.
Per JESD 17
ESD Protection Exceeds JESD 22
Device Information(1)
2000-V Human Body Model (A114-A)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
200-V Machine Model (A115-A)
SN74LVCC3245ADBQ
SSOP (24)
8.65 mm × 3.90 mm
1000-V Charged-Device Model (C101)
SN74LVCC3245ADW
SOIC (24)
15.40 mm × 7.50 mm
SN74LVCC3245ADB
SSOP (24)
8.20 mm × 5.30 mm
2 Applications
SN74LVCC3245ANS
SO (24)
15.00 mm × 5.30 mm
Level translation
SN74LVCC3245APW
TSSOP (24)
7.80 mm × 4.40 mm
USB
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Interfacing
Analog and Digital Applications
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVCC3245APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC3245APW TI-SN74LVCC3245APW Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245APWE4 TI-SN74LVCC3245APWE4 Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245APWLE TI-SN74LVCC3245APWLE Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245APWR TI-SN74LVCC3245APWR Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245APWRE4 TI-SN74LVCC3245APWRE4 Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCC3245APW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com