Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G08DCURG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G08DCURG4
Description  Dual 2-Input Positive-AND Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G08DCURG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G08DCURG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN74LVC2G08
SCES198N – APRIL 1999 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A or B inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
µA
One input at VCC – 0.6 V,
Other inputs at VCC or GND,
ΔICC
3 V to 5.5 V
500
µA
TA = –40°C to 85°C
Ci
VI = VCC or GND, TA = –40°C to 85°C
3.3 V
5
1.8 V to 3.3V
17
pF
Cpd
f = 10 MHz, TA = –40°C to 85°C
5 V
20
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.6 Switching Characteristics
FROM
TO
PARAMETER
TA
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V ± 0.15 V
2.6
9
VCC = 2.5 V ± 0.2 V
1
5.1
–40°C to 85°C
VCC = 3.3 V ± 0.3 V
1
4.7
VCC = 5 V ± 0.5 V
1
3.8
tpd
A or B
Y
ns
VCC = 1.8 V ± 0.15 V
2.6
9.8
VCC = 2.5 V ± 0.2 V
1
5.8
–40°C to 125°C
VCC = 3.3 V ± 0.3 V
1
5.3
VCC = 5 V ± 0.5 V
1
4.8
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G08


Similar Part No. - SN74LVC2G08DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08DCURG4 TI-SN74LVC2G08DCURG4 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08DCURG4 TI-SN74LVC2G08DCURG4 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74LVC2G08DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
[Old version datasheet]   DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com