Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G07YEPR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC2G07YEPR
Description  Dual Buffer and Driver With Open-Drain Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G07YEPR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G07YEPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1A
GND
2A
1Y
V
CC
2Y
1
2
3
4
5
6
1A
GND
2A
1Y
V
CC
2Y
1
2
3
4
5
6
1A
GND
2A
1Y
V
CC
2Y
1
2
3
4
5
6
1A
2A
1Y
V
CC
2Y
1
2
3
4
5
6
GND
1
2
3
4
5
6
1A
GND
2A
1Y
V
CC
2Y
SN74LVC2G07
www.ti.com
SCES308L – AUGUST 2001 – REVISED MAY 2015
5 Pin Configuration and Functions
DBV Package
YZP Package
6-Pin SOT-23
6-Pin DSBGA
Top View
Bottom View
DRY Package
6-Pin SON
Top View
DCK Package
6-Pin SC70
Top View
DSF Package
6-Pin SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO
1A
1
I
Input 1
GND
2
Ground
2A
3
I
Input 2
2Y
4
O
Open-drain output 2
VCC
5
Power pin
1Y
6
I
Open-drain output 1
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC2G07


Similar Part No. - SN74LVC2G07YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07YEPR TI-SN74LVC2G07YEPR Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07YEPR TI-SN74LVC2G07YEPR Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LVC2G07YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_V01 Datasheet
2Mb / 31P
[Old version datasheet]   SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com