Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KF210040H1M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46KF210040H1M
Description  Capacitor, film, 0.01 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KF210040H1M Datasheet(HTML) 1 Page - Kemet Corporation

  R46KF210040H1M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/04/2015 - c801e50a-6c23-4aa2-ab31-c0b7e8d4bbd7
KEMET Part Number: R46KF210040H1M
Capacitor, film, 0.01 uF, +/-20% Tol, -40/+125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
13
+0.2
H
11
+0.1
T
5
+0.2
S
10
+/-0.4
LL
30
+5/-0
F
0.6
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: Safety: X2
Style: Radial Box
Lead Form: Wire Leads
Approvals: ENEC,UL,cUL
RoHS: Yes
Specifications
Capacitance: 0.01 uF
Voltage: 560 VDC
Tolerance: +/-20%
Voltage AC: 275 VAC
Rated Temperature: 125C
Temperature Range: -40/+125C
Dissipation Factor @ 1 kHz: 0.1%
Insulation Resistance: 100 GOhm
Maximum dVdT: 500 v/us
Packaging Specifications
Package Kind: Bulk
Package Quantity: 1500
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R46KF210040H1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KF21000001K KEMET-R46KF21000001K Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KF21000001M KEMET-R46KF21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KF21000002K KEMET-R46KF21000002K Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KF21000002M KEMET-R46KF21000002M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KF210000L2K KEMET-R46KF210000L2K Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R46KF210040H1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KF215040H1M KEMET-R46KF215040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.015 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
R46KF247040H1M KEMET-R46KF247040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.047 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
R46KF222040H1M KEMET-R46KF222040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.022 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
R46KF233040H1M KEMET-R46KF233040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.033 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
R46KF268040H1M KEMET-R46KF268040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.068 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=10 mm
R46KI322040H2M KEMET-R46KI322040H2M Datasheet
55Kb / 1P
   Capacitor, film, 0.22 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=15 mm
R46KN347040H1M KEMET-R46KN347040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KI315040H2M KEMET-R46KI315040H2M Datasheet
55Kb / 1P
   Capacitor, film, 0.15 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=15 mm
R46KN315040H1M KEMET-R46KN315040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.15 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN333040H1M KEMET-R46KN333040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com