Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66C40S-V5-F7 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE66C40S-V5-F7
Description  Security & Chip Card ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C40S-V5-F7 Datasheet(HTML) 7 Page - Infineon Technologies AG

  SLE66C40S-V5-F7 Datasheet HTML 1Page - Infineon Technologies AG SLE66C40S-V5-F7 Datasheet HTML 2Page - Infineon Technologies AG SLE66C40S-V5-F7 Datasheet HTML 3Page - Infineon Technologies AG SLE66C40S-V5-F7 Datasheet HTML 4Page - Infineon Technologies AG SLE66C40S-V5-F7 Datasheet HTML 5Page - Infineon Technologies AG SLE66C40S-V5-F7 Datasheet HTML 6Page - Infineon Technologies AG SLE66C40S-V5-F7 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SLE 66C40S
Short Product Information
7 / 7
10.01
General Description
SLE 66C40S is a member of the Infineon Technologies high-end security controller family
in 0.6 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051-
instruction set extended by additional powerful instructions together with enhanced
performance, memory sizes and security features.
The controller IC offers 31.5 Kbytes of User-ROM, 256 bytes internal RAM, 1 Kbyte XRAM
and 4 Kbytes EEPROM. It suits the requirements of the new generation of operating
systems.
EEPROM
4 Kbyte
XRAM
1 Kbyte
ROM
32 Kbyte
16-Bit CPU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
16-bit
Timer
Interrupt
CRC
Random
Number
Generator
Figure 2: Block Diagram SLE 66C40S
The random number generator (RNG) is able to supply the CPU with true random
numbers on all conditions. The CRC module allows the easy generation of checksums
according to ISO 3309 (16-Bit-CRC). The timer makes it easy to implement advanced
communication protocols such as T=1 and all other time critical processes. An additional
interrupt capability of the I/O module allows parallel operation of chip card and terminal. To
minimize the overall power consumption, the chip card controller IC offers a sleep mode.
As an important measure, the chip provides a new and enhanced level of on-chip security
features.
In conclusion, the SLE 66C40S fulfills the requirements of all chip card applications, as
especially SIM Cards for GSM Phones, payment, Health Care, Pay-TV and Access
Control. The SLE 66C40S is a powerful chip card controller IC integrating outstanding
memory sizes, additional peripherals in combination with enhanced performance and
optimized power consumption on a minimized die size. Therefore, the SLE 66C40S offers
the basis for new chip card applications.


Similar Part No. - SLE66C40S-V5-F7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C42PC INFINEON-SLE66C42PC Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C42PM5 INFINEON-SLE66C42PM5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C44PEC INFINEON-SLE66C44PEC Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
More results

Similar Description - SLE66C40S-V5-F7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com