Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R71VF24704030K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R71VF24704030K
Description  Capacitor, film, 0.047 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R71VF24704030K Datasheet(HTML) 1 Page - Kemet Corporation

  R71VF24704030K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - 2e572419-2e73-4cdf-a664-4259a15167e9
KEMET Part Number: R71VF24704030K
Capacitor, film, 0.047 uF, +/-10% Tol, -40/+110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
13
+0.2
H
9
+0.1
T
4
+0.2
S
10
+/-0.4
LL
30
+5/-0
F
0.6
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: General Purpose
Sub Application: Pulse
Style: Radial Box
Lead Form: Wire Leads
RoHS: Yes
Specifications
Capacitance: 0.047 uF
Voltage: 520 VDC
Tolerance: +/-10%
Voltage AC: 250 VAC
Rated Temperature: 105C
Temperature Range: -40/+110C
Dissipation Factor @ 1 kHz: 0.1%
Dissipation Factor @ 10 kHz: 0.1%
Dissipation Factor @ 100kHz: 0.1%
Insulation Resistance: 100 GOhm
Inductance: 9
Maximum dVdT: 300 v/us
Miscellaneous: Above 105C DC and AC voltage
derating is 4%/C
Packaging Specifications
Package Kind: Bulk
Package Quantity: 1800
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R71VF24704030K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71VF24704030K KEMET-R71VF24704030K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
R71VF24704030K KEMET-R71VF24704030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
More results

Similar Description - R71VF24704030K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71VF31504030K KEMET-R71VF31504030K Datasheet
55Kb / 1P
   Capacitor, film, 0.15 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
R71VF26804030K KEMET-R71VF26804030K Datasheet
56Kb / 1P
   Capacitor, film, 0.068 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
R71VF31004030K KEMET-R71VF31004030K Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
R71PF24704030K KEMET-R71PF24704030K Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-10% Tol, -40/110C, General Purpose, 630 VDC@105C, Lead Spacing=10 mm
R71VI36804030K KEMET-R71VI36804030K Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=15 mm
R71VI32204030K KEMET-R71VI32204030K Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=15 mm
R71VN41504030K KEMET-R71VN41504030K Datasheet
55Kb / 1P
   Capacitor, film, 1.5 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=22.5 mm
R71VN41004030K KEMET-R71VN41004030K Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=22.5 mm
R71VI33304030K KEMET-R71VI33304030K Datasheet
55Kb / 1P
   Capacitor, film, 0.33 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=15 mm
R71VI34704020K KEMET-R71VI34704020K Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=15 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com