Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66C168PEM5 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66C168PEM5
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C168PEM5 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66C168PEM5 Datasheet HTML 1Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 2Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 3Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 4Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 5Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 6Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 7Page - Infineon Technologies AG SLE66C168PEM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SLE 66C168PE
Preliminary - Short Product Information
3 / 8
02.04
16-Bit Security Controller with enhanced instruction set for large
memories in 0.22µm CMOS Technology, 68-Kbyte ROM, 2304 Bytes
RAM, 16-Kbyte EEPROM, Dual Key Triple DES Accelerator
Features
8/16-bit microcomputer in 0.22 µm CMOS technology
Instruction set opcode compatible with standard
SAB 8051 processor
Downward compatibility to existing SLE 66CxxxP
products for existing masks without using the
new features
Addressable memory up to 16 Mbyte
Additional enhanced instructions for direct
physical memory access of >64kByte
Typically saves up to 90 % code space and
increases execution speed up to 80 %.
Dedicated, non-standard architecture with execution
time 6 times faster than standard SAB 8051
processor at same external clock. (Up to 18 times
faster using internal frequency PLL x 3 compared to
external clock).
68 Kbytes User ROM for application programs
16 Kbytes MicroSlim-EEPROM
2 Kbytes XRAM, 256 bytes internal RAM
Enhanced Memory Management and Protection
Unit (MMU) with application and user defined
segments
Dual Key Triple DES (DDES)
CC EAL5+ certification according to BSI-PP-0002
planned
True Random Number Generator with Firmware test
function
CRC Module
16-bit Interrupt Module
Code executions during E²-programming for faster
personalization
EEPROM programming voltage generated on chip
Internal Clock with up to 33 MHz:
Programmable internal frequency (PLL x1, x2, x3, x4
and free running mode(s)).
Adjustable frequency according to available power
or required performance
Increased internal clock frequency for maximum
performance
Internal frequency is automatically adjusted to
guarantee a given limited power
consumption
Two 16-bit Autoreload Timer
Power saving sleep mode
Ext. Clock freq. 1 up to 7.5 MHz for int. Clock up to
33 MHz
UART for handling serial interface in accordance
with ISO/IEC 7816 part 3 supporting transmission
protocols T=1 and T=0
Supply voltage range:1.8 V, 3.0 V, 5.0 V
Support of current consumption limits by GSM / UICC
applications
< 10 mA @ 5.5 V
< 6 mA @ 3.3 V
< 4 mA @ 1.98 V
Operating Temperature range: -25 to +85°C
Storing temperature range: –40° to +125°C
ESD protection larger than 6 kV (HBM)
MicroSlim-EEPROM
Typical Erase + Write time ≤ 2.9 ms
Enhanced ECC module controlled by OS
Reading and programming byte by byte
Platform prepared for flash-like erasing of E²-segments
up to 2 kB
Flexible page mode for 1 to 64 bytes write/erase
operation
32 bytes security area (OTP)
Fast personalization mode ≤ 1.0 ms
Minimum of 500.000 write/erase cycles @ 25°C per
page. Maximum of 16.500.000 write/erase cycles per
sector
Typical data retention of 10 years @ 25°C
New
New
New
New
New
New
New
New
New


Similar Part No. - SLE66C168PEM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C160S INFINEON-SLE66C160S Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-T85 INFINEON-SLE66C160S-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5 INFINEON-SLE66C160S-V5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-F7 INFINEON-SLE66C160S-V5-F7 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-T85 INFINEON-SLE66C160S-V5-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
More results

Similar Description - SLE66C168PEM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com